Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC865616 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC865616
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865616 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC865616 Datasheet HTML 5Page - Sanyo Semicon Device LC865616 Datasheet HTML 6Page - Sanyo Semicon Device LC865616 Datasheet HTML 7Page - Sanyo Semicon Device LC865616 Datasheet HTML 8Page - Sanyo Semicon Device LC865616 Datasheet HTML 9Page - Sanyo Semicon Device LC865616 Datasheet HTML 10Page - Sanyo Semicon Device LC865616 Datasheet HTML 11Page - Sanyo Semicon Device LC865616 Datasheet HTML 12Page - Sanyo Semicon Device LC865616 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LC86P5632
No.6688-9/23
LC86P5632 Pin description
Pin name
I/O
Function description
Option
PROM mode
VSS
-
Power pin (-)
-
-
VDD
-
Power pin (+)
-
-
VDDVPP
-
Power pin (+)
-
Power for programming
PORT0
P00 to P07
I/O
•8-bit input/output port
•Input for port 0 interrupt
•Input/output in nibble units
•Input for HOLD release
•Pull-up resistor :
Provided/Not provided
•Output form :
CMOS/N-channel open
drain
-
PORT1
P10 to P17
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
•Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer 1 output (PWM0 output)
Output form :
CMOS/N-channel open
drain
Data line
D0 to D7
PORT2
P20 to P27
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
Output form :
CMOS/N-channel open
drain
PORT3
P30 to P37
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
•15V withstand at N-channel open drain output
Output form :
CMOS/N-channel open
drain
Address input
A7 to A0
PORT4
P40 to P47
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
•15V withstand at N-channel open drain output
Output form :
CMOS/N-channel open
drain
Address input
A14 to A8 (*5)
P47 : TA (*4)
PORT5
P50 to P51
I/O
•2-bit input/output port
•Input/output can be specified in a bit unit
•15V withstand at N-channel open drain output
Output form :
CMOS/N-channel open
drain
•5-bit input port
•Other pin functions
P70 : INT0 input/HOLD release/N-channel Tr.
output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise filter/timer 0 event
input
P74 : 32.768kHz crystal oscillation terminal XT1
•Interrupt received forms, the vector addresses
•Pull-up resistor :
Provided/Not provided
(P70,71,72,73)
• P74 has no pull-up
resistor.
rising
falling
rising
&
falling
high
level
low
level
vector
INT0
enable
enable disable enable
enable
03H
INT1
enable
enable disable enable
enable
0BH
INT2
enable
enable
enable disable disable
13H
PORT7
P70
P71 to P74
I/O
I
INT3
enable
enable
enable disable disable
1BH
Input of PROM
control signals
DASEC (*1)
OE
(*2)
CE
(*3)
Continue.


Similar Part No. - LC865616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865616 SANYO-LC865616 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865616A SANYO-LC865616A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC865616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com