Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC865628 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC865628
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865628 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC865628 Datasheet HTML 1Page - Sanyo Semicon Device LC865628 Datasheet HTML 2Page - Sanyo Semicon Device LC865628 Datasheet HTML 3Page - Sanyo Semicon Device LC865628 Datasheet HTML 4Page - Sanyo Semicon Device LC865628 Datasheet HTML 5Page - Sanyo Semicon Device LC865628 Datasheet HTML 6Page - Sanyo Semicon Device LC865628 Datasheet HTML 7Page - Sanyo Semicon Device LC865628 Datasheet HTML 8Page - Sanyo Semicon Device LC865628 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LC86P5632
No.6688-3/23
• Port form at reset
Pin
Contents of the option
LC86P5632
LC865632/28/24/20/16/12/08
Input
: Not pull-up MOS Tr.
Output : N-channel open drain
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
P0
Input
: Pull-up MOS Tr.
Output : CMOS
Input mode
•The pull-up MOS Tr. is not provided
during reset or several hundred
microseconds after releasing reset.
After that, the pull-up MOS Tr. is
provided. (Output is OFF)
Input mode without pull-up
MOS Tr. (Output is OFF)
Input
: Programmable pull-up
MOS Tr.
Output : N-channel open drain
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
P1,
P2
Input
: Programmable pull-up
MOS Tr.
Output : CMOS
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
Input
: Not Programmable
pull-up MOS Tr.
Output : N-channel open drain
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
P3,
P4,
P5
Input
: Programmable pull-up
MOS Tr.
Output : CMOS
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
Pull-up MOS Tr. not provided
(Same as the mask version)
Input mode without pull-up
MOS Tr.
P7
Pull-up MOS Tr. provided
Input mode
•The pull-up MOS Tr. is not provided
during reset or several hundred
microseconds after releasing reset.
After that, the pull-up MOS Tr. is
provided.
Input mode without pull-up
MOS Tr.
(2) Option
LC86P5632 uses 256 bytes which is addressed on 7F00H to 7FFFH in the program memory as option data area. This
area does not affect the execution of program but the program memory capacity of LC865632 is 32512 bytes which is
addressed on 0000H to 7EFFH.
The option data is created by the option specified program “SU865000.EXE”.
The created option data is linked to the
program area by linkage loader “L865000.EXE”.


Similar Part No. - LC865628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865628 SANYO-LC865628 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865628A SANYO-LC865628A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC865628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com