Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC86P6032 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC86P6032
Description  8-Bit Single Chip Microcontroller with One-Time PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P6032 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC86P6032 Datasheet HTML 7Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 8Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 9Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 10Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 11Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 12Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 13Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 14Page - Sanyo Semicon Device LC86P6032 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LC86P6032
No.4212-11/22
2. Recommended Operating Range at Ta=-30
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Operating
supply voltage
range
VDD
VDD
0.98
µs ≤ tCYC ≤
400
µs
4.5
6.0
Hold voltage
VHD
VDD
RAM and registers
retain their
pre-HOLD mode
values
2.0
6.0
Pull-down
voltage
VP
VP
4.5 to 6.0
-35
VDD
VIH(1)
Port 0 (Schmitt)
Output disable
4.5 to 6.0 0.4VDD
+0.9
VDD
VIH(2)
•Port 1
•Ports 72,73
(Schmitt)
Output disable
4.5 to 6.0 0.75VDD
VDD
VIH(3)
•Port 70
port input/interrupt
•Port 71
• RES
(Schmitt)
Output N-channel
Tr. OFF
4.5 to 6.0 0.75VDD
VDD
VIH(4)
Port 70
Watchdog timer
Output N-channel
Tr. OFF
4.5 to 6.0 0.9VDD
VDD
Input high
voltage
VIH(5)
Port 8
4.5 to 6.0 0.75VDD
VDD
VIL(1)
Port 0 (Schmitt)
Output disable
4.5 to 6.0
VSS
0.2VDD
VIL(2)
•Port 1
•Ports 72,73
(Schmitt)
Output disable
4.5 to 6.0
VSS
0.25VDD
VIL(3)
•Port 70
port input/interrupt
•Port 71
• RES
(Schmitt)
N-channel
Tr. OFF
4.5 to 6.0
VSS
0.25VDD
VIL(4)
Port 70
Watchdog timer
N-channel
Tr. OFF
4.5 to 6.0
VSS
0.8VDD
-1.0
Input low
voltage
VIL(5)
Port 8
4.5 to 6.0
VSS
0.25VDD
V
Operation
cycle time
tCYC
4.5 to 6.0
0.98
400
µs
continue


Similar Part No. - LC86P6032

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6032 SANYO-LC86P6032 Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC86P6032

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com