Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS398K Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS398K
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS398K Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS398K Datasheet HTML 1Page - Vectron International, Inc TFS398K Datasheet HTML 2Page - Vectron International, Inc TFS398K Datasheet HTML 3Page - Vectron International, Inc TFS398K Datasheet HTML 4Page - Vectron International, Inc TFS398K Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 398k.doc
Version 1.1
22.06.2007
VI TELEFILTER
Filter specification
TFS 398K
5/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
History
Version
Reason of Changes
Name
Date
1.0
Generate of development specification
Martens 21.03.2007
1.1
add of terminating impedances, typical values, filter characteristics and matching configuration
Pfeiffer
22.06.2007
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS398K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS398B VECTRON-TFS398B Datasheet
47Kb / 5P
   Filter Specification
TFS398D VECTRON-TFS398D Datasheet
174Kb / 5P
   Filter specification
TFS398E VECTRON-TFS398E Datasheet
225Kb / 5P
   Filter specification
TFS398F VECTRON-TFS398F Datasheet
187Kb / 5P
   Filter specification
TFS398G VECTRON-TFS398G Datasheet
224Kb / 5P
   Filter specification
More results

Similar Description - TFS398K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com