Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS398G Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS398G
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS398G Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS398G Datasheet HTML 1Page - Vectron International, Inc TFS398G Datasheet HTML 2Page - Vectron International, Inc TFS398G Datasheet HTML 3Page - Vectron International, Inc TFS398G Datasheet HTML 4Page - Vectron International, Inc TFS398G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 398g.doc
Version 1.2
07.12.2006
VI TELEFILTER
Filter specification
TFS 398G
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
338
350
362
374
386
398
410
422
434
446
458
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
384
386.8
389.6
392.4
395.2
398
400.8
403.6
406.4
409.2
412
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
384
386.8
389.6
392.4
395.2
398
400.8
403.6
406.4
409.2
412
0.25
0.28
0.31
0.34
0.37
0.4
0.43
0.46
0.49
0.52
0.55
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
Input
2
Input
3
Ground
4
Ground
5
Output
6
Output
7
Ground
8
Ground
7
5
13
2,54
1,1
13
5
7
Date code
398G
● U49
Date code:
Year + week
U
2006
V
2007
W
2008
...
50 Ω Test circuit
L1
L2
C1
SAW
L3
L4
C2
2
6
5
1
3, 4, 7, 8
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS398G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS398B VECTRON-TFS398B Datasheet
47Kb / 5P
   Filter Specification
TFS398D VECTRON-TFS398D Datasheet
174Kb / 5P
   Filter specification
TFS398E VECTRON-TFS398E Datasheet
225Kb / 5P
   Filter specification
TFS398F VECTRON-TFS398F Datasheet
187Kb / 5P
   Filter specification
logo
List of Unclassifed Man...
TFS398H ETC2-TFS398H Datasheet
175Kb / 5P
   Filter specification
More results

Similar Description - TFS398G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com