Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74950BG Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC74950BG
Description  CMOS IC Silicon gate 40/30MSPS Analog Display I/F LSI
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74950BG Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC74950BG Datasheet HTML 7Page - Sanyo Semicon Device LC74950BG Datasheet HTML 8Page - Sanyo Semicon Device LC74950BG Datasheet HTML 9Page - Sanyo Semicon Device LC74950BG Datasheet HTML 10Page - Sanyo Semicon Device LC74950BG Datasheet HTML 11Page - Sanyo Semicon Device LC74950BG Datasheet HTML 12Page - Sanyo Semicon Device LC74950BG Datasheet HTML 13Page - Sanyo Semicon Device LC74950BG Datasheet HTML 14Page - Sanyo Semicon Device LC74950BG Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LC74950BG
No.A1647-11/37
Timing Chart
Note: For the initial setting of the registers
Details of the functions
1. Selection of input pins
Registers related to the selection of input pins
Name
Functions
Sub address
bit width
AINSEL
Video input select control
Analog video input select
0: YGIN0/CBIN0/CRIN0
1: YGIN1/CBIN1/CRIN1
0x22
1
• Video input selector function
The video input signal used for actual processing can be selected out of the two systems of video input.
AINSEL=0: YGIN0/CBIN0/CRIN0
AINSEL=1: YGIN1/CBIN1/CRIN1
2. Input format
Registers related to the selection of the input format
Name
Functions
Sub address
bit width
SELYCRGB
This register switches between the YCbCr input and RGB input.
0: YCbCr, 1: RGB
0x14
1
SYNCON
For YCbCr input, this register, by cutting off the digitally clamped sync component of the
Y video signal, sets the applicable gain adjustment function to ON or OFF.
This must be set to 0 for the RGB input (SELYCRGB=1).
0: ON, 1: OFF
0x1B
1
All the inputs listed below can be connected to the analog ports. It is also possible to switch between the inputs of two
systems and use the one selected.
YCbCr/YPbPr input (480I/576I, 480P/576P): Component input
RGB: RGB input
3. Operating modes
Register related to the selection of operating mode
Name
Functions
Sub address
bit width
CLKSEL
Operating mode selection
000: External clock mode (PLL not used)
001: External clock mode (PLL used)
010: H lock PLL mode
011: Panel PLL mode <1>
100: Panel PLL mode <2>
0x00
3
N
CLKIN
Output data
Analog input
N+1
N+2
N-50
N-49
N
N+1


Similar Part No. - LC74950BG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
More results

Similar Description - LC74950BG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
NEC
UPD6700 NEC-UPD6700 Datasheet
384Kb / 12P
   FIP STATIC DISPLAY DRIVER CMOS LSI
logo
ON Semiconductor
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
logo
Nippon Precision Circui...
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
   Analog Clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
   Analog Clock CMOS IC
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
   Analog clock CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com