Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6020 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH6020
Description  NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6020 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH6020 Datasheet HTML 1Page - Sanyo Semicon Device CPH6020 Datasheet HTML 2Page - Sanyo Semicon Device CPH6020 Datasheet HTML 3Page - Sanyo Semicon Device CPH6020 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH6020
No. A1548-2/4
Package Dimensions
Marking
unit : mm (typ)
7018A-002
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
Top view
12
3
65
4
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
Collector Current, IC -- mA
hFE -- IC
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
IT14950
0
0.2
0.4
0.6
0.8
1.0
1.2
IT14951
IT14952
08
46
2
0
20
40
60
140
80
100
120
0
30
60
90
150
120
IB=0mA
0.3mA
0.6mA
0.9mA
1.2mA
1.5mA
2
3
3
5
7
100
3
25
7
3
2
1.0
10
3
25
7 100
7
2
5
5
3
1.0
3
25
10
0.1
73
25
7
1.0
f=1MHz
IT14953
VCE=5V
1V


Similar Part No. - CPH6020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020 Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
   RF Transistor
August, 2013
CPH6020-TL-E ONSEMI-CPH6020-TL-E Datasheet
505Kb / 6P
   RF Transistor
August, 2013
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
More results

Similar Description - CPH6020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020 Datasheet
276Kb / 9P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er
MCH6001 SANYO-MCH6001 Datasheet
256Kb / 4P
   NPN Epitaxial Planar Silicon Composite Transistor High Frequency Low-Noise Amplifi er
CPH6021 SANYO-CPH6021 Datasheet
370Kb / 10P
   PNP Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
15GN03CA SANYO-15GN03CA_12 Datasheet
394Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
15GN03MA SANYO-15GN03MA_12 Datasheet
411Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com