Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE060 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXRE060
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXRE060_11 Datasheet HTML 2Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 3Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 4Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 5Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 6Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 7Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 8Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 9Page - Diodes Incorporated ZXRE060_11 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ZXRE060
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060
Document number: DS33611 Rev. 6 - 2
6 of 12
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Operating Conditions (Cont.)
Figure 2. Test circuits for gain and phase plots
50
50
Gain and Phase vs Frequency, V
OUT=0.6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
Gain
Phas e
VOUT = 0.6V
C
OUT = 2 .2uF
Gain and Phase vs Frequency, V
OUT=0.6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
Gain
Phas e
Gain
Phas e
VOUT = 0.6V
C
OUT = 2 .2uF
Gain and Phase vs Frequency, V
OUT=6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
V
OUT = 6V
C
OUT = 0. 22uF
Gain
Phase
Gain and Phase vs Frequency, V
OUT=6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
V
OUT = 6V
C
OUT = 0. 22uF
Gain
Phase
Gain
Phase


Similar Part No. - ZXRE060_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
ZXRE060AFT4-7 DIODES-ZXRE060AFT4-7 Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
ZXRE060AH5TA DIODES-ZXRE060AH5TA Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060AH5TA DIODES-ZXRE060AH5TA Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
More results

Similar Description - ZXRE060_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com