Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC867132 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC867132
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867132 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC867132 Datasheet HTML 5Page - Sanyo Semicon Device LC867132 Datasheet HTML 6Page - Sanyo Semicon Device LC867132 Datasheet HTML 7Page - Sanyo Semicon Device LC867132 Datasheet HTML 8Page - Sanyo Semicon Device LC867132 Datasheet HTML 9Page - Sanyo Semicon Device LC867132 Datasheet HTML 10Page - Sanyo Semicon Device LC867132 Datasheet HTML 11Page - Sanyo Semicon Device LC867132 Datasheet HTML 12Page - Sanyo Semicon Device LC867132 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LC86E7148
No.6748-9/20
1. Absolute Maximum Ratings at Ta=25
°C, VSS=VSS1=VSS2=VSS3=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD1, VDD2
VDD3
VDD1=VDD2=
VDD3
-0.3
+7.0
LCD display
voltage
VLCD
V1/PL6, V2/PL5
V3/PL4
VDD1=VDD2=
VDD3
-0.3
VDD
Input voltage
VI
•Ports 71, 72, 73
•Ports 74, 75
•Port 8, Port L
RES
-0.3
VDD+0.3
Input/output
voltage
VIO
•Ports 0, 1
•Port 9
•Ports A, B, C, D
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1
-4
IOPH(2)
Ports A, B, C, D
-4
Peak
output
current
IOPH(3)
Port 9
•CMOS output
•At each pins
-4
ΣIOAH(1)
Ports 0, 1
Total all pins
-30
ΣIOAH(2)
Ports A, B
Total all pins
-20
ΣIOAH(3)
Ports C, D
Total all pins
-20
High
level
output
current
Total
output
current
ΣIOAH(4)
Port 9
Total all pins
-20
IOPL(1)
Ports 0, 1
At each pins
20
IOPL(2)
Ports A, B, C, D
At each pins
20
IOPL(3)
Port 9
At each pins
20
Peak
output
current
IOPL(4)
Port 70
At each pins
15
ΣIOAL(1)
Ports 0, 1
Total all pins
40
ΣIOAL(2)
Ports A, B
Total all pins
24
ΣIOAL(3)
Ports C, D
Total all pins
24
ΣIOAL(4)
Port 9
Total all pins
15
Low
level
output
current
Total
output
current
ΣIOAL(5)
Port 70
Total all pins
10
mA
Maximum power
dissipation
Pdmax
QIC80S
Ta=+10 to+40
°C
515
mW
Operating
temperature
range
Topr
+10
+40
Storage
temperature
range
Tstg
-65
+150
°C
Notes •The QFP packages should be heat-soaked for 12 hours at 125
°C immediately prior to mounting (This baking is called
pre-baking).
•After pre-baking a controlled environment must be maintained until soldering.
The environment must be held at a
temperature of 30
°C or less and a humidity level of 70% or less. Please solder within 24 hours.


Similar Part No. - LC867132

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC867132 SANYO-LC867132 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC867132

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com