Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC865612 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC865612
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865612 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC865612 Datasheet HTML 6Page - Sanyo Semicon Device LC865612 Datasheet HTML 7Page - Sanyo Semicon Device LC865612 Datasheet HTML 8Page - Sanyo Semicon Device LC865612 Datasheet HTML 9Page - Sanyo Semicon Device LC865612 Datasheet HTML 10Page - Sanyo Semicon Device LC865612 Datasheet HTML 11Page - Sanyo Semicon Device LC865612 Datasheet HTML 12Page - Sanyo Semicon Device LC865612 Datasheet HTML 13Page - Sanyo Semicon Device LC865612 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC86E5632
No.6744-10/21
1. Absolute Maximum Ratings at VSS=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX VDD,VDDVPP
VDD=VDDVPP
-0.3
+7.0
Input voltage
VI(1)
•Ports 71,72,73, 74
•Port 8
• RES
-0.3
VDD+0.3
VIO(1)
•Ports 0,1,2
•Ports 3,4,5 at CMOS
output
-0.3
VDD+0.3
Input/Output
voltage
VIO(2)
Ports 3,4,5 at N-ch open
drain output option
-0.3
15
V
Peak
output
current
IOPH(1)
•Ports 0,1,2,3,4,5
•CMOS output
•At each pins
-4
ΣIOAH(1) Ports 0,1,2
The total of all pins
-25
High
level
output
current
Total
output
current
ΣIOAH(2) Ports 3,4,5
The total of all pins
-20
IOPL(1)
Ports 0,1,2,3,4,5
At each pins
20
Peak
output
current
IOPL(2)
Port 70
At each pins
15
ΣIOAL(1) Ports 0,1,70
The total of all pins
40
ΣIOAL(2) Port 2
The total of all pins
40
Low
level
output
current
Total
output
current
ΣIOAL(3) Ports 3,4,5
The total of all pins
80
mA
Pdmax(1)
DIP64S
Ta=+10 to+40
°C
720
Maximum power
dissipation
Pdmax(2)
QFP64E
Ta=+10 to+40
°C
420
mW
Operating
Temperature range
Topr
10
40
Storage
Temperature range
Tstg
-65
150
°C


Similar Part No. - LC865612

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865612 SANYO-LC865612 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC865612A SANYO-LC865612A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC865612

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com