Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC865616 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC865616
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865616 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC865616 Datasheet HTML 1Page - Sanyo Semicon Device LC865616 Datasheet HTML 2Page - Sanyo Semicon Device LC865616 Datasheet HTML 3Page - Sanyo Semicon Device LC865616 Datasheet HTML 4Page - Sanyo Semicon Device LC865616 Datasheet HTML 5Page - Sanyo Semicon Device LC865616 Datasheet HTML 6Page - Sanyo Semicon Device LC865616 Datasheet HTML 7Page - Sanyo Semicon Device LC865616 Datasheet HTML 8Page - Sanyo Semicon Device LC865616 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
91400 RM (IM) HK No.6744-1/21
Ver.1.02
30399
Preliminary
Overview
The LC86E5632 is a CMOS 8-bit single chip microcontroller with one-time UVEPROM for the LC865600 series.
This microcontroller has the function and the pin description of the LC865600 series mask ROM version, and 32K-byte
EPROM.
The program data is rewritable.
It is suitable to developing the program.
Features
(1) Option switching by EPROM data
The option function of the LC865600 series can be specified by the EPROM data.
LC86E5632 can be checked the function of the trial pieces using the mass production board.
(2) Internal one-time EPROM capacity : 32768 bytes
(3) Internal RAM capacity
:
512 bytes
Mask ROM version
PROM capacity
RAM capacity
LC865632
32512 bytes
512 bytes
LC865628
28672 bytes
512 bytes
LC865624
24576 bytes
512 bytes
LC865620
20480 bytes
384 bytes
LC865616
16384 bytes
384 bytes
LC865612
12288 bytes
384 bytes
LC865608
8192 bytes
384 bytes
Programming service
We offers various services at nominal charges.
These include the ROM writing, the ROM reading, the package
stamping and the screening.
Contact our representative for further information.
8-Bit Single Chip Microcontroller
with the One-Time Programmable UVEPROM
LC86E5632
Ordering number : ENN*6744
CMOS IC


Similar Part No. - LC865616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865616 SANYO-LC865616 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC865616A SANYO-LC865616A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC865616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com