Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1045Z Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR1045Z
Description  SCHOTTKY BARRIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR1045Z Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR1045Z Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR1045Z Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR1045Z Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR1045Z Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR1045Z Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR1045Z Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR1045Z Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R
版本(Rev.):201003E
1/7
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
MBR1045
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
MBR1045Z
MBR1045
TO-220
NO
条管 Tube
1.98 g(typ)
MBR1045ZR
MBR1045
TO-220
YES
条管 Tube
1.98 g(typ)
MBR1045BF
MBR1045
TO-220BF
NO
条管 Tube
1.70 g(typ)
MBR1045BFR
MBR1045
TO-220BF
YES
条管 Tube
1.70 g(typ)
MBR1045HF
MBR1045
TO-220HF
NO
条管 Tube
1.70 g(typ)
MBR1045HFR
MBR1045
TO-220HF
YES
条管 Tube
1.70 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10(2×5) A
VRRM
45 V
Tj
150 ℃
VF(max)
0.48V(
@Tj=125℃)
封装 Package
用途
高频开关电源
低压续流电路和保护电
APPLICATIONS
High frequency switch
power supply
Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
TO-22O
TO-22OBF
订货信息 ORDER MESSAGE
TO-22OHF


Similar Part No. - MBR1045Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1045 MOTOROLA-MBR1045 Datasheet
148Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
logo
Kersemi Electronic Co.,...
MBR1045 KERSEMI-MBR1045 Datasheet
509Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Pan Jit International I...
MBR1045 PANJIT-MBR1045 Datasheet
425Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR1045 TSC-MBR1045 Datasheet
236Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBR1045 MCC-MBR1045 Datasheet
112Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1045Z

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com