Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC865512 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC865512
Description  8-Bit Single Chip Microcontroller????
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865512 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC865512 Datasheet HTML 6Page - Sanyo Semicon Device LC865512 Datasheet HTML 7Page - Sanyo Semicon Device LC865512 Datasheet HTML 8Page - Sanyo Semicon Device LC865512 Datasheet HTML 9Page - Sanyo Semicon Device LC865512 Datasheet HTML 10Page - Sanyo Semicon Device LC865512 Datasheet HTML 11Page - Sanyo Semicon Device LC865512 Datasheet HTML 12Page - Sanyo Semicon Device LC865512 Datasheet HTML 13Page - Sanyo Semicon Device LC865512 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC86E5420
No.6805-10/21
1. Absolute Maximum Ratings at VSS=0V and Ta=25°C
Parameter
Symbol
Pins
Conditions
Ratings
VDD[v]
min.
typ.
max.
unit
Supply voltage
VDD MAX VDD
VDD
--0.3
+7.0
V
Input voltage
VI(1)
•Ports 74, 75
--0.3
VDD + 0.3
•Ports 80, 81, 82, 83
•RES
Input/output
VIO(1)
•Port 1
--0.3
VDD + 0.3
voltage
•Ports 70, 71, 72, 73
•Ports 84, 85, 86, 87
•Ports 0, 3 at CMOS
output option
VIO(2)
Ports 0, 3 at N-ch
--0.3
15
open drain output
option
High
Peak
IOPH
•Ports 0, 1, 3
CMOS output
--10
mA
Level
output
•Ports 71, 72, 73
At each pins
output
current
•Ports 84, 85, 86, 87
current Total
∑IOAH(1) Ports 0,1
The total all
--30
output
pins
current
∑IOAH(2) Port 3
The total all
--15
pins
∑IOAH(3) •Ports 71, 72, 73
The total all
--10
•Ports 84, 85, 86, 87 pins
Low
Peak
IOPL(1)
Ports 0, 1, 3
At each pins
20
Level
output
IOPL(2)
•Ports 70, 71, 72, 73 At each pins
15
output
current
•Ports 84, 85, 86, 87
current Total
∑IOAL(1) Ports 0, 1, 70
The total all
60
output
pins
current
∑IOAL(2) Port 3
The total all
40
pins
∑IOAL(3) •Ports 71, 72, 73
The total all
20
•Ports 84, 85, 86, 87 pins
Power
Pdmax (1)
DIC42S
Ta=+10 to +40
°C
630
mW
dissipation
Pdmax (2)
QIC48E
Ta=+10 to +40
°C
410
(max.)
Operating
Topr
+10
+40
°C
temperature
range
Storage
Tstg
--65
150
temperature
range


Similar Part No. - LC865512

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865512 SANYO-LC865512 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC865512B SANYO-LC865512B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865512B SANYO-LC865512B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Similar Description - LC865512

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com