Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS8N65B Datasheet(PDF) 10 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS8N65B
Description  N-CHANNEL MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS8N65B Datasheet(HTML) 10 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS8N65B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N65B Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
R
JCS8N6
5B
版本:201011A
10/10
注意事项
1.吉林华微电子股份有限公司的产品销售分
为直销和销售代理,无论哪种方式,订货
时请与公司核实。
2.购买时请认清公司商标,如有疑问请与公
司本部联系。
3.在电路设计时请不要超过器件的绝对最大
额定值,否则会影响整机的可靠性。
4.本说明书如有版本变更不另外告知
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its
product either through direct sales or sales
agent , thus, for customers, when ordering ,
please check with our company.
2. We strongly recommend customers check
carefully on the trademark when buying our
product, if there is any question, please
don’t be hesitate to contact us.
3. Please do not exceed the absolute
maximum ratings of the device when circuit
designing.
4. Jilin Sino-microelectronics co., Ltd reserves
the right to make changes in this
specification sheet and is subject to
change without prior notice.
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街
99 号
邮编:
132013
总机:
86-432-64678411
传真:
86-432-64665812
网址:
www.hwdz.com.cn
市场营销部
地址:吉林省吉林市深圳街
99 号
邮编:
132013
电话:
86-432-64675588
64675688
64678411-3098/3099
传真
: 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD.
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel: 86-432-64678411
Fax:86-432-64665812
Web Site:www.hwdz.com.cn
MARKET DEPARTMENT
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:
86-432-64675588
64675688
64678411-3098/3099
Fax: 86-432-64671533


Similar Part No. - JCS8N65B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS8N60 JSMC-JCS8N60 Datasheet
823Kb / 12P
   N-CHANNEL MOSFET
JCS8N60B JSMC-JCS8N60B Datasheet
644Kb / 10P
   N-CHANNEL MOSFET
JCS8N60B-O-B-N-B JSMC-JCS8N60B-O-B-N-B Datasheet
823Kb / 12P
   N-CHANNEL MOSFET
JCS8N60BC-O-F-N-B JSMC-JCS8N60BC-O-F-N-B Datasheet
1Mb / 14P
   High frequency switching mode power supply
JCS8N60C JSMC-JCS8N60C Datasheet
1Mb / 14P
   High frequency switching mode power supply
More results

Similar Description - JCS8N65B

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com