Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBR10100 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR10100
Description  SCHOTTKY BARRIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR10100 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR10100 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本
(Rev.):201002I
1/8
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
HBR10100
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
HBR10100Z
HBR10100
TO-220
NO
条管
Tube
1.98 g(typ)
HBR10100ZR
HBR10100
TO-220
YES
条管
Tube
1.98 g(typ)
HBR10100F
HBR10100
TO-220F
NO
条管
Tube
1.70 g(typ)
HBR10100FR
HBR10100
TO-220F
YES
条管
Tube
1.70 g(typ)
HBR10100BF
HBR10100
TO-220BF
NO
条管
Tube
1.70 g(typ)
HBR10100BFR
HBR10100
TO-220BF
YES
条管
Tube
1.70 g(typ)
HBR10100HF
HBR10100
TO-220HF
NO
条管
Tube
1.70 g(typ)
HBR10100HFR
HBR10100
TO-220HF
YES
条管
Tube
1.70 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10(2×5)A
VRRM
100 V
Tj
175 ℃
VF(max)
0.7V (@Tj=125℃)
封装 Package
用途
高频开关电源
低压续流电路和保护电
APPLICATIONS
High frequency switch
power supply
Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(
RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
TO-22O
TO-22OF
订货信息 ORDER MESSAGE
TO-22OBF
TO-22OHF


Similar Part No. - HBR10100

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR10100A JSMC-HBR10100A Datasheet
585Kb / 8P
   SCHOTTKY BARRIER DIODE
HBR10100ABF JSMC-HBR10100ABF Datasheet
585Kb / 8P
   SCHOTTKY BARRIER DIODE
HBR10100ABFR JSMC-HBR10100ABFR Datasheet
585Kb / 8P
   SCHOTTKY BARRIER DIODE
HBR10100AF JSMC-HBR10100AF Datasheet
585Kb / 8P
   SCHOTTKY BARRIER DIODE
HBR10100AFR JSMC-HBR10100AFR Datasheet
585Kb / 8P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - HBR10100

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com