Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3DD13007N-O-Z-N-C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD13007N-O-Z-N-C
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD13007N-O-Z-N-C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD13007N-O-Z-N-C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13007N-O-Z-N-C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13007N-O-Z-N-C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13007N-O-Z-N-C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13007N-O-Z-N-C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:
201007A
1/5
NPN 型高压功率开关晶体管
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13007N
订 货 型 号
Order codes
Marking
无卤素
Halogen Free
Package
Packaging
3DD13007N-O-Z-N-C
D13007N
NO
TO-220
袋装
Bag
主要参数
MAIN CHARACTERISTICS
IC
8A
VCEO
400V
PC(TO-220)
80W
封装
Package
用途
节能灯
电子镇流器
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
Energy-saving ligh
Electronic ballasts
High frequency switching power
supply
High frequency power transform
Commonly
power
amplifier
产品特性
高耐压
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
High breakdown voltage
High current capability
High switching speed
High reliability
RoHS product
订货信息
ORDER MESSAGE


Similar Part No. - 3DD13007N-O-Z-N-C

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DD13007N36 JIANGSU-3DD13007N36 Datasheet
1Mb / 3P
   TRANSISTOR (NPN)
logo
Nanjing International G...
3DD13007N36 DGNJDZ-3DD13007N36 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
3DD13007N36F JIANGSU-3DD13007N36F Datasheet
1Mb / 2P
   TRANSISTOR (NPN)
logo
JILIN SINO-MICROELECTRO...
3DD13007NL JSMC-3DD13007NL Datasheet
351Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13007NL-O-C-N-B JSMC-3DD13007NL-O-C-N-B Datasheet
351Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - 3DD13007N-O-Z-N-C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com