Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3DD13005ED-O-U-B-A Datasheet(PDF) 11 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD13005ED-O-U-B-A
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD13005ED-O-U-B-A Datasheet(HTML) 11 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button 3DD13005ED-O-U-B-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 11Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 12Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13005ED-O-U-B-A Datasheet HTML 13Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
R
3DD13005ED
版本:201103E
11/13
外形尺寸 PACKAGE MECHANICAL DATA
单位 Unit :mm
TO-220C


Similar Part No. - 3DD13005ED-O-U-B-A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DD13005 JIANGSU-3DD13005 Datasheet
286Kb / 3P
   TRANSISTOR竊?NPN 竊
logo
TRANSYS Electronics Lim...
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
logo
JILIN SINO-MICROELECTRO...
3DD13005 JSMC-3DD13005 Datasheet
255Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
3DD13005 SECOS-3DD13005 Datasheet
114Kb / 1P
   4A , 700V NPN Plastic-Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
3DD13005 JIANGSU-3DD13005 Datasheet
3Mb / 3P
   TRANSISTOR (NPN)
More results

Similar Description - 3DD13005ED-O-U-B-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com