Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3DD5287C-O-A-N-D Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD5287C-O-A-N-D
Description  CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287C FOR LOW FREQUENCY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD5287C-O-A-N-D Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD5287C-O-A-N-D Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5287C-O-A-N-D Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5287C-O-A-N-D Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5287C-O-A-N-D Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5287C-O-A-N-D Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5287C-O-A-N-D Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
3DD5287C
版本:200911E
4/6
VCE(V)
VBE(V)
Tc(℃)
IC - VBE
SOA
PC-TC
CURVES
MUST
BE
DERATED
LINEARLY
WITH
INCREASE
IN
TEMPERATURE
TC=25℃
DC
INFINITE HEAT SINK
COMMON
EMITTER
VCE=5V


Similar Part No. - 3DD5287C-O-A-N-D

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD5287 JSMC-3DD5287 Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY
3DD5287-O-A-N-D JSMC-3DD5287-O-A-N-D Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY
More results

Similar Description - 3DD5287C-O-A-N-D

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD5031 JSMC-3DD5031 Datasheet
190Kb / 7P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5031 FOR LOW FREQUENCY
3DD5287 JSMC-3DD5287 Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY
3DD2109 JSMC-3DD2109 Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2109 FOR LOW FREQUENCY
3DD5039 JSMC-3DD5039 Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5039 FOR LOW FREQUENCY
3DD5036 JSMC-3DD5036 Datasheet
151Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5036 FOR LOW FREQUENCY
3DD1555 JSMC-3DD1555 Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD1555 FOR LOW FREQUENCY
3DD2101 JSMC-3DD2101 Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2101 FOR LOW FREQUENCY
3DD2102 JSMC-3DD2102 Datasheet
150Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2102 FOR LOW FREQUENCY
3DD2103 JSMC-3DD2103 Datasheet
152Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2103 FOR LOW FREQUENCY
3DD2901 JSMC-3DD2901 Datasheet
152Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2901 FOR LOW FREQUENCY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com