Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

3DD4202BD Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part No. 3DD4202BD
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Homepage  http://www.hwdz.com.cn
Logo 
   
 1 page
background image
R
版本:
200910D
1/6
NPN 型高压功率开关晶体管
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4202BD
订 货 型 号
Order codes
Marking
无卤素
Halogen Free
Package
Packaging
3DD4202BD-O-T-B-A
4202BD
NO
TO-92
编带
Brede
3DD4202BD-O-T-N-C
4202BD
NO
TO-92
袋装
Bag
3DD4202BD-O-I-N-C
4202BD
NO
TO-251
袋装
Bag
3DD4202BD-O-I-N-B
4202BD
NO
TO-251
条管
Tube
3DD4202BD-O-M-N-C
4202BD
NO
TO-126
袋装
Bag
3DD4202BD-O-M-N-B
4202BD
NO
TO-126
条管
Tube
主要参数
MAIN CHARACTERISTICS
IC
1.5A
VCEO
400V
PC(TO-92)
1W
PC(TO-251)
10W
PC(TO-126)
20W
封装 Package
用途
充电器
电子镇流器
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
Battery changer
Electronic ballasts
High frequency switching power
supply
High frequency power transform
Commonly
power
amplifier
产品特性
高耐压
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
High breakdown voltage
High current capability
High switching speed
High reliability
RoHS product
TO-92
TO-251
订货信息 ORDER MESSAGE
TO-126




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl