Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL1040ZR Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL1040ZR
Description  SCHOTTKY BARRIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL1040ZR Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL1040ZR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040ZR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040ZR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040ZR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040ZR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040ZR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
SBL1040
版本(Rev.):201004A
5/6
外形尺寸 PACKAGE MECHANICAL DATA
TO-220HF
单位 Unit :mm
E
φP
A
F
c
Q1
e
e
b
B1
Symbol
Min
Max
A
4.0
5.0
B1
0.87
1.27
b
0.72
0.92
c
0.5
0.70
D
15.0
16.5
D2
7.8
9.4
E
9.62
10.62
e
2.54(typ)
F
2.3
3.3
L
12.0
14.0
L2
3.1
3.5
ΦP
3.0
3.4
Q
3.15
3.55
Q1
2.2
2.5


Similar Part No. - SBL1040ZR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1040 DIODES-SBL1040 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
logo
Vishay Siliconix
SBL1040 VISHAY-SBL1040 Datasheet
135Kb / 6P
   Schottky Barrier Rectifier
Revision: 09-Aug-13
logo
General Semiconductor
SBL1040 GE-SBL1040 Datasheet
74Kb / 2P
   SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SBL1040 UTC-SBL1040 Datasheet
154Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SBL1040 MCC-SBL1040 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - SBL1040ZR

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com