Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7612 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7612
Description  General Purpose PIR Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7612 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7612_11 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7612_11 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
HT7612/HT7612B
General Purpose PIR Controller
Block Diagram
Rev. 1.50
1
February 21, 2011
Features
· Operating voltage: 2.7V ~ 5.5V
· Standby current typical:
HT7612: 17
mA
HT7612B: 19
mA
· CDS input
· CDS debounce time:
HT7612: 15~20 seconds
HT7612B: < 3 seconds
· High noise immunity
· 40 second power-on delay
· 10 second high speed warm-up for test mode
· 1~3783 second adjustable PIR turn on time.
· Output drive for Relay, TRIAC and LED
· Output drive buzzer alarm
· Low voltage detector
· Override function
· 16-pin DIP/NSOP packages
General Description
The HT7612/HT7612B is PIR controller specifically de-
signed to interface to PIR sensors to implement motion
sensing application products such as intruder alarms.
The controller has the features of PIR sensitivity adjust-
ment and a CDS can be connected to the controller for
automatic detection. The HT7612/HT7612B is available
in low profile NSOP & DIP packages.
Applications
· PIR light control
· Motion detectors
· Alarm system
· Auto door bells
O P 2 O
O P 2 N
O P 1 O
O P 1 N
O P 1 P
V R E F
D T
T E S T / S C
V D D
V S S
A m p l i f i e r
C i r c u i t
C o m p a r a t o r
C i r c u i t
C o n t r o l
C i r c u i t
B U Z / L V D
B U Z / C D S
R E L A Y / L E D
T R A I C
Z C
M O D E
S y s t a m
O s c i l l a t o r
T i m i n g
D e l a y
L D O &
R e f e r a n c e V o l t a g e


Similar Part No. - HT7612_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
More results

Similar Description - HT7612_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com