Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT66F30 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
Download  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT66F30 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 259 page
background image
Enhanced Type TM - ETM ...............................................................120
Enhanced TM Operation ....................................................................................120
Enhanced Type TM Register Description............................................................121
Enhanced Type TM Operating Modes ................................................................126
Compare Output Mode .......................................................................................126
Timer/Counter Mode...........................................................................................131
PWM Output Mode.............................................................................................131
Single Pulse Output Mode ..................................................................................136
Capture Input Mode............................................................................................138
Analog to Digital Converter............................................................140
A/D Overview .....................................................................................................140
A/D Converter Register Description ....................................................................140
A/D Converter Data Registers - ADRL, ADRH....................................................141
A/D Converter Control Registers - ADCR0, ADCR1, ACERL, ACERH ...............141
A/D Operation.....................................................................................................146
A/D Input Pins ....................................................................................................146
Summary of A/D Conversion Steps ....................................................................147
Programming Considerations .............................................................................148
A/D Transfer Function.........................................................................................148
A/D Programming Example ................................................................................148
Comparators ....................................................................................150
Comparator Operation........................................................................................150
Comparator Registers ........................................................................................150
Comparator Interrupt ..........................................................................................150
Programming Considerations .............................................................................150
Serial Interface Module - SIM .........................................................153
SPI Interface.......................................................................................................153
SPI Registers .....................................................................................................154
SPI Communication............................................................................................157
I
2C Interface .......................................................................................................159
I
2C Bus Communication......................................................................................163
I
2C Bus Start Signal............................................................................................163
Slave Address ....................................................................................................163
I
2C Bus Read/Write Signal..................................................................................163
I
2C Bus Slave Address Acknowledge Signal.......................................................163
I
2C Bus Data and Acknowledge Signal ...............................................................164
Peripheral Clock Output .................................................................166
Peripheral Clock Operation.................................................................................166
Contents
Rev. 1.50
5
March 15, 2011


Similar Part No. - HT66F30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F30 HOLTEK-HT66F30 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
More results

Similar Description - HT66F30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com