Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R0662G Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46R0662G
Description  Enhanced A/D Type 8-Bit OTP MCU with OPA
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0662G Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46R0662G Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
Pin Description
The function of each pin is listed in the following tables, however the details behind how each pin is
configured is contained in the other individual peripheral function sections.
HT46R064G
Pin Name
Function
OPT
I/T
O/T
Description
PA0/A1N
PA0
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
A1N
COPA3C
OPAI
¾
OPA1 inverting input pin
PA1/PFD/A1X
PA1
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS
PFD output
A1X
COPA3C
¾
OPAO
OPA1 output pin
PA2/TC0/A0X
PA2
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
TC0
TMR0C
ST
¾
External Timer 0 clock input
A0X
COPA3C
¾
OPAO
OPA0 output pin
PA3/INT/A0N
PA3
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
INT
INTC0
CTRL1
ST
¾
External interrupt input
A0X
COPA3C
OPAI
¾
OPA0 inverting input pin
PA4/PWM0/A0P
PA4
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
PWM0
CTRL0
¾
CMOS
PWM output
A0P
COPA3C
OPAI
¾
OPA0 non-inverting input pin
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
PA6/OSC1
PA6
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
OSC1
CO
OSC
¾
Oscillator pin
PA7/RES
PA7
PAWK
ST
NMOS
General purpose I/O. Register enabled wake-up.
RES
CO
ST
¾
Reset input
PB0~PB3
PBn
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PC0/CN
PC0
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
CN
COPA3C
CMPI
¾
Comparator inverting input pin
PC1/CX
PC1
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
CX
COPA2C
¾
CMPO
Comparator output pin
PC4/AN1
PC4
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
AN1
ADCR
PCR
AN
¾
A/D channel 1
HT46R064G/065G/0662G
Enhanced A/D Type 8-Bit OTP MCU with OPA
Rev. 1.00
9
March 3, 2011


Similar Part No. - HT46R0662G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R0662 HOLTEK-HT46R0662 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0662 HOLTEK-HT46R0662 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0662 HOLTEK-HT46R0662_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R0662G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R32 HOLTEK-HT46R32 Datasheet
304Kb / 43P
   A/D Type 8-Bit OTP MCU with OPA
HT46R322 HOLTEK-HT46R322 Datasheet
305Kb / 40P
   A/D with OPA Type 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com