Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB82CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # P6SMB82CA
Description  SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

P6SMB82CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  P6SMB82CA Datasheet HTML 1Page - Central Semiconductor Corp P6SMB82CA Datasheet HTML 2Page - Central Semiconductor Corp P6SMB82CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR P6SMB6.8CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to the
P6SMB6.8A Series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PDM
600
W
Peak Forward Surge Current (JEDEC Method)
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
WORKING
PEAK
REVERSE
VOLTAGE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
REVERSE
SURGE
CURRENT
(Note 1)
MAXIMUM
REVERSE
VOLTAGE
@ IRSM
MAXIMUM
TEMPERATURE
COEFFICIENT
MARKING
CODE
MIN
(V)
NOM
(V)
MAX
(V)
IT
(mA)
VRWM
(V)
IR
(µA)
IRSM
(A)
VRSM
(V)
ΘV
BR
(% / °C)
P6SMB6.8CA
6.45
6.8
7.14
10
5.8
2000
57
10.5
0.057
C6V8C
P6SMB7.5CA
7.13
7.5
7.88
10
6.4
1000
53
11.3
0.061
C7V5C
P6SMB8.2CA
7.79
8.2
8.61
10
7.02
400
50
12.1
0.065
C8V2C
P6SMB9.1CA
8.65
9.1
9.55
1.0
7.78
100
45
13.4
0.068
C9V1C
P6SMB10CA
9.5
10
10.5
1.0
8.55
20
41
14.5
0.073
C10C
P6SMB11CA
10.5
11
11.6
1.0
9.4
5.0
38
15.6
0.075
C11C
P6SMB12CA
11.4
12
12.6
1.0
10.2
5.0
36
16.7
0.078
C12C
P6SMB13CA
12.4
13
13.7
1.0
11.1
5.0
33
18.2
0.081
C13C
P6SMB15CA
14.3
15
15.8
1.0
12.8
5.0
28
21.2
0.084
C15C
P6SMB16CA
15.2
16
16.8
1.0
13.6
5.0
27
22.5
0.086
C16C
P6SMB18CA
17.1
18
18.9
1.0
15.3
5.0
24
25.2
0.088
C18C
P6SMB20CA
19
20
21.0
1.0
17.1
5.0
22
27.7
0.090
C20C
P6SMB22CA
20.9
22
23.1
1.0
18.8
5.0
20
30.6
0.092
C22C
P6SMB24CA
22.8
24
25.2
1.0
20.5
5.0
18
33.2
0.094
C24C
P6SMB27CA
25.7
27
28.4
1.0
23.1
5.0
16
37.5
0.096
C27C
P6SMB30CA
28.5
30
31.5
1.0
25.6
5.0
14.4
41.4
0.097
C30C
P6SMB33CA
31.4
33
34.7
1.0
28.2
5.0
13.2
45.7
0.098
C33C
P6SMB36CA
34.2
36
37.8
1.0
30.8
5.0
12
49.9
0.099
C36C
P6SMB39CA
37.1
39
41
1.0
33.3
5.0
11.2
53.9
0.100
C39C
Notes: (1) Non-repetitive 10x1,000µs pulse.
SMB CASE
R6 (1-March 2010)
P6SMB6.8CA
THRU
P6SMB250CA
SURFACE MOUNT
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
600 WATTS, 6.8 THRU 250 VOLTS
www.centr a lsemi.com


Similar Part No. - P6SMB82CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB82CA CENTRAL-P6SMB82CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Shenzhen Luguang Electr...
P6SMB82CA LUGUANG-P6SMB82CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
Unisonic Technologies
P6SMB82CA UTC-P6SMB82CA Datasheet
290Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB82CA TSC-P6SMB82CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
P6SMB82CA RUILON-P6SMB82CA Datasheet
827Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6SMB82CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
1.5SMC6.8CA CENTRAL-1.5SMC6.8CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com