Part Name
         Description
TFS140AN

 Filter specification ( 5 Page)


VECTRON
100% 
Zoom Out Zoom In
   
 1 page
background image
Filename: tfs 140an.doc
Version 1.2
14.11.2006
VI TELEFILTER
Filter specification
TFS 140AN
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
35 Ω || -66 pF
Output:
22 Ω || -78 pF
Characteristics
Remark:
The nominal frequency fN is fixed at 140,0 MHz. The insertion loss ae is defined as loss value determined at fN. Reference level for the relative attenuation
arel of the TFS 140AN is the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 20 dB filter
attenuation level relative to the insertion loss ae. All specified data are met within the operating temperature range.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
7,2
dB
max.
10,0
dB
(reference level)
Nominal frequency
fN
-
140,0
MHz
Centre frequency
fC
140
MHz
-
Passband
PB
14,8
MHz
fN
±
4,8
MHz
Pass band ripple
0,3
dB
max.
1
dB
Bandwidth
BW
3
dB
16
MHz
min.
12,0
MHz
30
dB
23
MHz
max.
36,0
MHz
Relative attenuation
arel
fN
… fN
±
4,8
MHz
0,4
dB
max.
1
dB
fN
±
4,8
MHz ... fN
±
6,0
MHz
0,5
dB
max.
3
dB
fN -
130,0
MHz ... fN -
20,0
MHz
58
dB
min.
40
dB
fN +
20,0
MHz ... fN +
370,0
MHz
55
dB
min.
40
dB
Group delay ripple within PB
p-p
36
ns
max.
160
ns
Input power level
-
max.
0
dBm
Operating temperature range
OTR
-
- 5 °C ... + 80°C
Storage temperature range
-
- 55 °C ... + 80°C
Temperature coefficient of frequency
TCf **
-90
ppm/K
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) ∆f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl