Part Name
         Description
ELJNCR18KSLASHJF

 Chip Inductors ( 15 Page)


PANASONIC
100% 
Zoom Out Zoom In
 
 1 page
background image
Chip Inductors
s Explanation of Part Numbers
Japan
E
L
J
F
A
2
2
1
J
F
FB
(Size 4532)
1A
(Size 3225)
1C
(Size 2520)
ND
(Size 2012)
1E
(Size 1608)
RF
(Size 1005)
Chip Inductors
Series:
Chip
Type:
RF,
NC,
FA,
PE,
EA
RE,
NA,
FB,
PC,
ND,
FC,
SA,
PA,
Industrial Property: Patents 6 (incl. pending)
s Features
q
High Q
q
Good for mounting
q
Wide allowable range (1.0 nH to 1000 µH)
s Recommended Applications
q
CTV, VTR, HIC, HDD, FDD, Cordless telephones, Portable telephones
Pagers, Video cameras
Non winding (RF, 1E) and wire wound type chip inductors for automatic mounting and high-density mounting



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl