Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS70R Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS70R
Description  Filter Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS70R Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS70R Datasheet HTML 1Page - Vectron International, Inc TFS70R Datasheet HTML 2Page - Vectron International, Inc TFS70R Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
tfs70R.doc
Version 1.2
06.01.02
VI TELEFILTER
Filter Specification
TFS 70 R
3/3
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Air reflow temperature conditions
1st and 2nd air reflow profile
Name:
pre-heating periods
main-heating periods
peak temperature
Temperature:
150 °C - 170 °C
over 200 °C
255 °C ± 5 °C
Time:
60 sec. - 90 sec.
20 sec. - 25 sec.
Air reflow profile
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
20
40
60
80
100
120
140
160
180
200
220
240
time / sec.
Table for temperature vs. time during the air reflow process
Tolerance of temperatures: ± 5 °C
time / sec.
temperature / °C
time / sec.
temperature / °C
0
23
140
160
10
34
150
161
20
46
160
164
30
60
170
170
40
80
180
180
50
103
190
205
60
121
195
230
70
134
200
255
80
143
205
230
90
150
210
205
100
154
215
180
110
156
220
165
120
158
230
140
130
159
240
120


Similar Part No. - TFS70R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS704A VECTRON-TFS704A Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS706 VECTRON-TFS706 Datasheet
232Kb / 5P
   Filter specification
TFS707 VECTRON-TFS707 Datasheet
213Kb / 5P
   Vectron International
TFS70AA VECTRON-TFS70AA Datasheet
95Kb / 5P
   Filter specification
TFS70AC VECTRON-TFS70AC Datasheet
135Kb / 5P
   Filter Specification
More results

Similar Description - TFS70R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com