Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC83025 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC83025
Description  Digital Signal Processor for Karaoke Products
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC83025 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC83025 Datasheet HTML 1Page - Sanyo Semicon Device LC83025 Datasheet HTML 2Page - Sanyo Semicon Device LC83025 Datasheet HTML 3Page - Sanyo Semicon Device LC83025 Datasheet HTML 4Page - Sanyo Semicon Device LC83025 Datasheet HTML 5Page - Sanyo Semicon Device LC83025 Datasheet HTML 6Page - Sanyo Semicon Device LC83025 Datasheet HTML 7Page - Sanyo Semicon Device LC83025 Datasheet HTML 8Page - Sanyo Semicon Device LC83025 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin Functions
No. 4977-4/15
LC83025E
Pin No.
Symbol
I/O
Function
[Control pins]
13
OSC1
I
Crystal oscillator connection (768 fs)
14
OSC2
O
Crystal oscillator connection (768 fs)
10
FS384I
I
384 fs input (Apply a clock that is equal to the OSC1/OSC2 768 fs clock divided by 2.)
11
SELC
I
Audio clock source switching (High: Fixes FS384I as the clock)
18
SAIF
I
Digital audio input mode switching (Low: backward packed, High: forward packed)
19
SAOF
I
Digital audio output mode switching (Low: 48 fs, High: 64 fs)
17
RES
I
Reset
25 to 21
TEST5 to
I
Test (Must be tied to ground in normal operation.)
TEST1
20
TEST6
O
Test (Must be left open in normal operation.)
48
P0
I
Coefficient transfer mode switching
50, 49
P2, P1
I
Initial operating mode setting (This pin should be held high in normal operation.)
51
P3
O
Microphone signal present (low output) or absent (high output) indication output
52
P4
O
Music signal present (low output) or absent (high output) indication output
[External memory interface]
79
RAS
O
RAS signal output
80
CAS
O
CAS signal output
1
DREAD
O
External memory read signal output
2
DWRT
O
External memory write signal output
68 to 60
A8 to A0
O
Address outputs
69 to 71,
D7 to D0
I/O
Data I/O (Normally, only D3 to D0 are used.)
74 to 78
[Audio interface]
9
LRCKI
I
ASI L/R clock input (1 fs)
5
LRCKO
O
ASO L/R clock output (1 fs)
8
BCKI
I
ASI bit clock input (32 fs or higher)
4
BCKO
O
ASO bit clock output (48 fs or 64 fs)
6
FS384O
O
ASO 384 fs output
7
ASI
I
Digital audio data input (MSB first, 16 bits)
3
ASO
O
Digital audio data output (MSB first, backward packed, 16 bits)
35
ADL1
I
A/D converter input (left channel)
33
ADL2
O
A/D converter output (left channel)
37
ADL3
O
A/D converter output (left channel)
40
ADR1
I
A/D converter input (right channel)
38
ADR2
O
A/D converter output (right channel)
42
ADR3
O
A/D converter output (right channel)
45
ADM1
I
A/D converter input (microphone)
43
ADM2
O
A/D converter output (microphone)
47
ADM3
O
A/D converter output (microphone)
28
DAOL
O
D/A converter output (left channel)
31
DAOR
O
D/A converter output (right channel)
[Microcontroller interface]
55
SIRQ
I
Serial input request signal input
59
SIAK
O
Output indicating serial input execution in progress
56
SI
I
Serial data input from the control microcontroller (8-bit serial data)
57
SICK
I
SI transfer clock input
58
SRDY
I
Ready signal input from the control microcontroller that indicates that serial data input has completed
Continued on next page.


Similar Part No. - LC83025

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
More results

Similar Description - LC83025

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
   Digital Karaoke Audio Processor
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
   DIGITAL SIGNAL PROCESSOR for CDP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com