Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7936B Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7936B
Description  White LED Step-up Charge Pump Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7936B Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7936B Datasheet HTML 4Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 5Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 6Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 7Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 8Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 9Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 10Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 11Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HT7936A/HT7936B
Rev 1.10
8
November 9, 2010
HT7936B Output Voltage vs. Supply Voltage
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
2.8
3.0
3.3
3.5
3.8
4.0
4.3
4.5
Supply Voltage(V)
IO=10mA
IO=20mA
IO=30mA
IO=40mA
IO=50mA
IO=60mA
IO=70mA
IO=80mA
IO=90mA
IO=100mA
IO=110mA
IO=120mA
IO=130mA
IO=140mA
IO=150mA
HT7936B Efficiency vs. Output Current
40%
45%
50%
55%
60%
65%
70%
75%
80%
85%
10
25
40
55
70
85
100 115 130 145
Output Current(mA)
VIN=2.8V
VIN=3V
VIN=3.2V
VIN=3.7V
VIN=4.5V
HT7936B Efficiency vs. Input Voltage
40%
45%
50%
55%
60%
65%
70%
75%
80%
85%
2.8
3.0
3.3
3.5
3.8
4.0
4.3
4.5
Input Voltage(V)
IO=10mA
IO=20mA
IO=30mA
IO=40mA
IO=50mA
IO=60mA
IO=70mA
IO=80mA
IO=90mA
IO=100mA
IO=110mA
IO=120mA
IO=130mA
IO=140mA
IO=150mA


Similar Part No. - HT7936B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7936B HOLTEK-HT7936B Datasheet
1Mb / 16P
   White LED Step-up Charge Pump Converter
More results

Similar Description - HT7936B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
   White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
   White LED Step-up Charge Pump Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com