Part Name
         Description
LBT40401

 402.5MHz SAW Filter 2MHz Bandwidth ( 3 Page)


SIPAT
100% 
Zoom Out Zoom In
   
 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT40401
Rev. Date
2008-11-04
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
402.5MHz SAW Filter
2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT40401
Typical Performance
Frequency Respond
Passband Respond
370
380
390
400
410
420
430
440
-91.412
-81.412
-71.412
-61.412
-51.412
-41.412
-31.412
-21.412
-11.412
-1.412
8.588
Type Performance
Frequency(MHz)
394
396
398
400
402
404
406
408
410
412
-3.912
-3.412
-2.912
-2.412
-1.912
-1.412
-0.912
-0.412
0.088
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1MHz)
Phase Linearity(f0±1MHz)
398
399
400
401
402
403
404
405
406
407
-50
0
50
100
150
200
X: 402.5
Y: 92.19
Type Performance
Frequency(MHz)
X: 403.5
Y: 113.4
X: 401.5
Y: 81.18
398
399
400
401
402
403
404
405
406
407
-15
-10
-5
0
5
10
15
20
X: 401.5
Y: 2.268
Type Performance
Frequency(MHz)
X: 403.5
Y: 2.499
X: 402.5
Y: 5.369
Horizontal: 1MHz/Div
Vertical: 50ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0



Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl