Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82A6208 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82A6208
Description  A/D Type Full Speed USB 8-Bit MCU with SPI
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A6208 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82A6208 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82A6208 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
HT82A623R/HT82A6208/HT82A6216
Rev.1.30
9
January14,2011
ProgramCounter
During program execution, the Program Counter is used
to keep track of the address of the next instruction to be
executed. It is automatically incremented by one each
time an instruction is executed except for instructions,
such as
²JMP² or ²CALL² that demand a jump to a
non-consecutive Program Memory address. It must be
noted that only the lower 8 bits, known as the Program
Counter Low Register, are directly addressable by user.
When executing instructions requiring jumps to
non-consecutive addresses such as a jump instruction,
a subroutine call, interrupt or reset, etc., the
microcontroller manages program control by loading the
required address into the Program Counter. For condi-
tional skip instructions, once the condition has been
met, the next instruction, which has already been
fetched during the present instruction execution, is dis-
carded and a dummy cycle takes its place while the cor-
rectinstructionisobtained.
The lower byte of the Program Counter, known as the
Program Counter Low register or PCL, is available for
program control and is a readable and writeable register.
By transferring data directly into this register, a short pro-
gram jump can be executed directly, however, as only
this low byte is available for manipulation, the jumps are
limited to the present page of memory, that is 256 loca-
tions. When such program jumps are executed it should
also be noted that a dummy cycle will be inserted.
The lower byte of the Program Counter is fully accessi-
ble under program control. Manipulating the PCL might
cause program branching, so an extra cycle is needed
to pre-fetch. Further information on the PCL register can
befoundintheSpecialFunctionRegistersection.
Stack
This is a special part of the memory which is used to
save the contents of the Program Counter only. The
stack has 6 levels and is neither part of the data nor part
of the program space, and is neither readable nor
writeable. The activated level is indexed by the Stack
Pointer, SP, and is neither readable nor writeable. At a
subroutine call or interrupt acknowledge signal, the con-
tents of the Program Counter are pushed onto the stack.
At the end of a subroutine or an interrupt routine, sig-
naled by a return instruction, RET or RETI, the Program
Counter is restored to its previous value from the stack.
After a device reset, the Stack Pointer will point to the
topofthestack.
Mode
ProgramCounterBits
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
InitialReset
0
0
0
0
0
0
0
0
0
0
0
0
USB Interrupt
0
0
0
0
0
0
0
0
0
1
0
0
ExternalInterrupt
0
0
0
0
0
0
0
0
1
0
0
0
Timer/EventCounter0
Overflow
0
0
0
0
0
0
0
0
1
1
0
0
SPIA Interrupt
0
0
0
0
0
0
0
1
0
0
0
0
SPIB Interrupt
0
0
0
0
0
0
0
1
0
1
0
0
Timer/EventCounter1
Overflow
0
0
0
0
0
0
0
1
1
0
0
0
Skip
ProgramCounter+2
Loading PCL
PC11 PC10
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
Jump,CallBranch
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
ReturnfromSubroutine
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
ProgramCounter
Note:
PC11~PC8:CurrentProgramCounterbits
@7~@0: PCL bits
#11~#0:Instructioncodeaddressbits
S11~S0:Stackregisterbits
P r o g r a m C o u n t e r
S t a c k L e v e l 1
S t a c k L e v e l 2
S t a c k L e v e l 3
S t a c k L e v e l 6
P r o g r a m
M e m o r y
T o p o f S t a c k
S t a c k
P o i n t e r
B o t t o m o f S t a c k


Similar Part No. - HT82A6208

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A6208 HOLTEK-HT82A6208 Datasheet
1Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
More results

Similar Description - HT82A6208

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A623R HOLTEK-HT82A623R Datasheet
1Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT66FB540 HOLTEK-HT66FB540 Datasheet
6Mb / 245P
   A/D Flash USB 8-Bit MCU with SPI
HT46RB50 HOLTEK-HT46RB50_06 Datasheet
415Kb / 53P
   A/D Type USB 8-Bit MCU
HT46RB70 HOLTEK-HT46RB70 Datasheet
373Kb / 53P
   A/D Type USB 8-Bit MCU
HT46RB50 HOLTEK-HT46RB50_12 Datasheet
359Kb / 52P
   A/D Type USB 8-Bit MCU
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com