Part Name
         Description
HT46R064D

 Enhanced A/D Type MCU with High Current LED Driver ( 114 Page)


HOLTEK
100% 
Zoom Out Zoom In
 54 page
background image
EventCounterMode
In this mode, a number of externally changing logic events, occurring on the external timer TCn pin,
can be recorded by the Timer/Event Counter. To operate in this mode, the Operating Mode Select bit
pair, TnM1/TnM0, in the Timer Control Register must be set to the correct value as shown.
ControlRegisterOperatingMode
SelectBitsfortheEventCounterMode
Bit7
Bit6
0
1
In this mode, the external timer TCn pin, is used as the Timer/Event Counter clock source, however it
is not divided by the internal prescaler. After the other bits in the Timer Control Register have been
setup, the enable bit TnON, which is bit 4 of the Timer Control Register, can be set high to enable the
Timer/Event Counter to run. If the Active Edge Select bit, TnEG, which is bit 3 of the Timer Control
Register, is low, the Timer/Event Counter will increment each time the external timer pin receives a
low to high transition. If the TnEG is high, the counter will increment each time the external timer pin
receives a high to low transition. When it is full and overflows, an interrupt signal is generated and the
Timer/Event Counter will reload the value already loaded into the preload register and continue
counting. The interrupt can be disabled by ensuring that the Timer/Event Counter Interrupt Enable bit
in the corresponding Interrupt Control Register, is reset to zero.
As the external timer pin is shared with an I/O pin, to ensure that the pin is configured to operate as an
event counter input pin, two things have to happen. The first is to ensure that the Operating Mode
Select bits in the Timer Control Register place the Timer/Event Counter in the Event Counting Mode,
the second is to ensure that the port control register configures the pin as an input. It should be noted
that in the event counting mode, even if the microcontroller is in the Sleep Mode, the Timer/Event
Counter will continue to record externally changing logic events on the timer input TCn pin. As a
result when the timer overflows it will generate a timer interrupt and corresponding wake-up source.
PulseWidthCaptureMode
In this mode, the Timer/Event Counter can be utilised to measure the width of external pulses applied
to the external timer pin. To operate in this mode, the Operating Mode Select bit pair, TnM1/TnM0, in
the Timer Control Register must be set to the correct value as shown.
ControlRegisterOperatingMode
SelectBitsforthePulseWidthCaptureMode
Bit7
Bit6
1
1
In this mode the internal clock, fSYS , fSYS/4 or the LXT, is used as the internal clock for the 8-bit
Timer/Event Counter. However, the clock source, fSYS, for the 8-bit timer is further divided by a
prescaler, the value of which is determined by the Prescaler Rate Select bits TnPSC2~TnPSC0, which
are bits 2~0 in the Timer Control Register. After the other bits in the Timer Control Register have been
setup, the enable bit TnON, which is bit 4 of the Timer Control Register, can be set high to enable the
Timer/Event Counter, however it will not actually start counting until an active edge is received on the
external timer pin.
If the Active Edge Select bit TnEG, which is bit 3 of the Timer Control Register, is low, once a high to
low transition has been received on the external timer pin, the Timer/Event Counter will start counting
until the external timer pin returns to its original high level. At this point the enable bit will be
automatically reset to zero and the Timer/Event Counter will stop counting. If the Active Edge Select
bit is high, the Timer/Event Counter will begin counting once a low to high transition has been
received on the external timer pin and stop counting when the external timer pin returns to its original
HT46R064D/065D/066D
EnhancedA/DType8-Bit OTP MCU withLEDDriver
Rev.1.00
49
January12,2011
T i m e r + 2
E x t e r n a l E v e n t
I n c r e m e n t
T i m e r C o u n t e r
T i m e r + 3
T i m e r + 1
EventCounterModeTimingChart(TnEG=1)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl