Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT12E2T3 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT12E2T3
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12E2T3 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT12E2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev. 1.00
�an�a�� ��� �011
Rev. 1.00
9
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Package Information
20-pin SSOP (150mil) Outline Dimensions




)
*
+
,
-.
+
/
0
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.���
0.�44
B
0.150
0.15�
C
0.00�
0.01�
C’
0.335
0.347
D
0.049
0.065
E
0.0�5
F
0.004
0.010
G
0.015
0.050
H
0.007
0.010
α
�°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
6.�0
B
3.�1
4.01
C
0.�0
0.30
C’
�.51
�.�1
D
1.�4
1.65
E
0.64
F
0.10
0.�5
G
0.3�
1.�7
H
0.1�
0.�5
α
�°


Similar Part No. - HT12E2T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12E HOLTEK-HT12E Datasheet
141Kb / 13P
   Series of Encoders
HT12E HOLTEK-HT12E Datasheet
165Kb / 14P
   212 Series of Encoders
More results

Similar Description - HT12E2T3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
   Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
SynQor Worldwide Headqu...
PFCU390HPX07 SYNQOR-PFCU390HPX07 Datasheet
5Mb / 17P
   Up to 700W output power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com