Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R01T3 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT46R01T3
Description  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01T3 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46R01T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
3.6
V
fSYS=8MHz
3.3
¾
3.6
V
AVDD
RF Transmitter Power Supply
¾¾
2.0
¾
3.6
V
IDD1
Operating current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz,
ADC disable
¾
12
mA
IDD2
Operating Current (internal
RC+RTC OSC, Normal Mode)
3V
No load, fSYS=4MHz,
ADC disable
¾
12
mA
ISTB1
Standby Current
(WDT OSC on, RTC off)
3V
No load, system HALT
¾¾
5
mA
ISTB2
Standby Current
(WDT OSC off, RTC off)
3V
No load, system HALT
¾¾
1
mA
ISTB3
Standby Current
(WDT OSC off, RTC on)
3V
No load, system HALT,
RTC osc slowly start-up
¾¾
5
mA
VIL1
Input Low Voltage for PA, PB,
TMR0, TMR1, INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for PA, PB,
TMR0, TMR1, INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾ Configuration option=2.1V
1.98
2.10
2.22
V
VLVR2
Low Voltage Reset 2
¾ Configuration option=3.15V 2.98
3.15
3.32
V
IOL
I/O Port Sink Current for PA, PB
3V
VOL=0.1VDD
48
¾
mA
IOH
I/O Port Source Current for PA, PB
3V
VOH=0.9VDD
-2
-4
¾
mA
RPH
Pull-high Resistance for I/O
3V
¾
20
60
100
k
W
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
7
November 23, 2010


Similar Part No. - HT46R01T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
More results

Similar Description - HT46R01T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com