Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN14097 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN14097
Description  140MHz IF SAW Filter 25MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN14097 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN14097_10 Datasheet HTML 1Page - SIPAT Co,Ltd LBN14097_10 Datasheet HTML 2Page - SIPAT Co,Ltd LBN14097_10 Datasheet HTML 3Page - SIPAT Co,Ltd LBN14097_10 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN14097
Rev. Date
2010-11-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.1
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz IF SAW Filter
25MHz Bandwidth
Part Number: LBN14097
Typical Performance
Frequency Respond
Passband Respond
90
100
110
120
130
140
150
160
170
180
190
-117.5023
-107.5023
-97.5023
-87.5023
-77.5023
-67.5023
-57.5023
-47.5023
-37.5023
-27.5023
-17.5023
Type Performance
Frequency(MHz)
3dB CF = 140.0495MHz
1dB = 22.3405MHz
3dB = 25.0796MHz
40dB = 25.9225MHz
Insert Loss = -27.5023dB
Pas sband Ripple = 1.4084dB
Ultimate Rejection = 46.7984dB
Group Delay = 41.5329ns
Phase Linearity = 3.8225deg
Abs olute Delay = 3321.934ns
Horizontal: 10MHz/Div
Vertical: 10dB/Div
110
120
130
140
150
160
170
-29.5023
-29.0023
-28.5023
-28.0023
-27.5023
-27.0023
-26.5023
-26.0023
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12MHz)
Phase Linearity(f0±12MHz)
110
120
130
140
150
160
170
3100
3150
3200
3250
3300
3350
3400
3450
3500
X: 140
Y: 3314
Type Performance
Frequency(MHz)
X: 128
Y: 3311
X: 152
Y: 3315
Horizontal: 10MHz/Div
Vertical: 50ns/Div
110
120
130
140
150
160
170
-15
-10
-5
0
5
10
X: 140
Y: -0.2374
Type Performance
Frequency(MHz)
X: 128
Y: -1.712
X: 152
Y: 3.63
Horizontal: 10MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN14097_10

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14097 SIPAT-LBN14097 Datasheet
146Kb / 3P
   140MHz IF SAW Filter 25MHz Bandwidth
LBN14097 SIPAT-LBN14097 Datasheet
259Kb / 3P
   140MHz IF SAW Filter 25MHz Bandwidth
More results

Similar Description - LBN14097_10

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14097 SIPAT-LBN14097 Datasheet
259Kb / 3P
   140MHz IF SAW Filter 25MHz Bandwidth
LBN14097 SIPAT-LBN14097 Datasheet
146Kb / 3P
   140MHz IF SAW Filter 25MHz Bandwidth
LBN14047 SIPAT-LBN14047_10 Datasheet
150Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN14085 SIPAT-LBN14085 Datasheet
144Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN14047 SIPAT-LBN14047 Datasheet
144Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN14085 SIPAT-LBN14085 Datasheet
138Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN140A58 SIPAT-LBN140A58 Datasheet
194Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN14047 SIPAT-LBN14047 Datasheet
150Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN09018 SIPAT-LBN09018 Datasheet
146Kb / 3P
   90MHz IF SAW Filter 25MHz Bandwidth
logo
Oscilent Corporation
809-SL140.0M-18 OSCILENT-809-SL140.0M-18_14 Datasheet
240Kb / 4P
   140MHz IF SAW Filter 18.0MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com