Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLDM7120-M563 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLDM7120-M563
Description  SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLDM7120-M563 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLDM7120-M563 Datasheet HTML 1Page - Central Semiconductor Corp CTLDM7120-M563 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTLDM7120-M563
SURFACE MOUNT
N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLDM7120-M563
is a high quality, enhancement-mode N-channel
MOSFET packaged in a space saving 1.6 x 1.6mm
TLM™ surface mount package. This device is a TLM™
equivalent of the popular CMLDM7120G, SOT-563
device, featuring enhanced thermal characteristics, a
package footprint compatible with standard SOT-563
mounting pad geometries, and a height profile of only
0.4mm.
MARKING CODE: CKN
FEATURES:
• ESD protection up to 2kV
• High Current (ID=1.0A)
• Low rDS(ON) (0.14Ω MAX @ VGS=2.5V, ID=0.5A)
• Logic level compatibility
• High Thermal Efficiency
• TLM563 with a package profile of 0.4mm, compatible with
SOT-563 mounting geometries
APPLICATIONS:
• Load Power Switches
• DC/DC Converters
• Battery powered devices including Cell Phones,
PDAs, Digital Cameras, MP3 Players, etc.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
1.0
A
Maximum Pulsed Drain Current, tp=10μs
IDM
4.0
A
Power Dissipation (Note 1)
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
250
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=8.0V, VDS=0
10
μA
IDSS
VDS=20V, VGS=0
10
μA
BVDSS
VGS=0, ID=250μA
20
V
VGS(th)
VDS=10V, ID=1.0mA
0.5
1.2
V
VSD
VGS=0, IS=1.0A
1.1
V
rDS(ON)
VGS=4.5V, ID=500mA
0.075
0.10
Ω
rDS(ON)
VGS=2.5V, ID=500mA
0.10
0.14
Ω
rDS(ON)
VGS=1.5V, ID=100mA
0.20
0.25
Ω
gFS
VDS=10V, ID=500mA
2.5
S
Crss
VDS=10V, VGS=0, f=1.0MHz
45
pF
Ciss
VDS=10V, VGS=0, f=1.0MHz
220
pF
Coss
VDS=10V, VGS=0, f=1.0MHz
120
pF
ton
VDD=10V, VGS=5.0V, ID=500mA
25
ns
toff
VDD=10V, VGS=5.0V, ID=500mA
140
ns
Notes: (1) Mounted on 2 inch square FR4 PCB with copper mounting pad area of 2.4mm2.
TLM563 CASE
R2 (17-February 2010)
www.centra lsemi.com
• Device is Halogen Free by design


Similar Part No. - CTLDM7120-M563

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLDM7120-M621H CENTRAL-CTLDM7120-M621H Datasheet
423Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M621H CENTRAL-CTLDM7120-M621H_15 Datasheet
462Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D Datasheet
475Kb / 2P
   SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7120-M832DS CENTRAL-CTLDM7120-M832DS Datasheet
619Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M832DS-BK CENTRAL-CTLDM7120-M832DS-BK Datasheet
758Kb / 5P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
R0 2-March 2012
More results

Similar Description - CTLDM7120-M563

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMNDM7001 CENTRAL-CMNDM7001_15 Datasheet
429Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7004 CENTRAL-CMUDM7004_15 Datasheet
398Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CZDM1003N CENTRAL-CZDM1003N Datasheet
940Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM303NH CENTRAL-CMPDM303NH Datasheet
349Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7001 CENTRAL-CMUDM7001 Datasheet
347Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7001 CENTRAL-CEDM7001 Datasheet
361Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7004 CENTRAL-CEDM7004 Datasheet
1,006Kb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7002A-M621H CENTRAL-CTLDM7002A-M621H Datasheet
422Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM3590 CENTRAL-CTLDM3590 Datasheet
1Mb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7002AE CENTRAL-CEDM7002AE_15 Datasheet
811Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com