Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69103 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYRF69103_10 Datasheet HTML 6Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 7Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 8Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 9Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 10Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 11Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 12Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 13Page - Cypress Semiconductor CYRF69103_10 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 10 of 68
The PMU also provides a configurable low battery detection
function which may be read over the SPI interface. One of seven
thresholds between 1.8V and 2.7V may be selected. The
interrupt pin may be configured to assert when the voltage on the
VBAT pin falls below the configured threshold. LV IRQ is not a
latched event. Battery monitoring is disabled when the device is
in sleep mode.
The following three figures show different examples of how to
use PRoC LP with and without the PMU. Figure 8-2. shows the
most common circuit making use of the PMU to boost battery
voltage up to 2.7V. Figure 8-3. is an example of the circuit used
when the supply voltage is always above 2.7V. This could be
three 1.5V battery cells in series along with a linear regulator, or
some similar power source. Figure 8-4. shows an example of
using the PRoC LP with its PMU disabled and an external boost
to supply power to the device. This might be required when the
load is much greater than the 15 mA average load that PRoC can
support.
Figure 8-2. PMU Enabled
Figure 8-3. PMU Disabled - Linear Regulator
Figure 8-4. PMU Disabled - External Boost Converter
PRoC LP
10 µF 6.3V
VCC
100 µF 10V
VBat
BAT400D
10 µH
VCC
VBat
0.047 µF
0.047 µF
0.047 µF
0.047 µF
0.047 µF
10 µF
6.3V
1 µF
6.3V
0.047µF
1 Ohm 1%
47 Ohm
VDD_MICRO
VDD
0.1µF
PRoC LP
VCC
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
VDD_MICRO
VDD
0.1µF
PRoC LP
VCC
VBat
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
10µF
6.3V
1µF
6.3V
0.047µF
1 Ohm 1%
47 Ohm
External DC-DC
Boost Converter
VDD_MICRO
VDD
0.1µF
[+] Feedback


Similar Part No. - CYRF69103_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103_11 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power 16-bit free running timer
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
More results

Similar Description - CYRF69103_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com