Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPD96V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD96V
Description  Schottky Diode 500mA Low VF Schottky Diode Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD96V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD96V_10 Datasheet HTML 1Page - Central Semiconductor Corp CPD96V_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEOMETRY
PROCESS DETAILS
PRINCIPAL DEVICE TYPES
CMLSH05-4
GROSS DIE PER 4 INCH WAFER
28,028
PROCESS CPD96V
Schottky Diode
500mA Low VF Schottky Diode Chip
Process
EPITAXIAL PLANAR
Die Size
20 x 20 MILS
Die Thickness
7.1 MILS
Anode Bonding Pad Area
16.4 x 16.4 MILS
Top Side Metalization
Al - 20,000Å
Back Side Metalization
Au - 12,000Å
www.centr a lsemi.com
R5 (22-March 2010)


Similar Part No. - CPD96V_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD96V CENTRAL-CPD96V Datasheet
126Kb / 2P
   Schottky Diode 500mA Low VF Schottky Diode Chip
More results

Similar Description - CPD96V_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD96V CENTRAL-CPD96V Datasheet
126Kb / 2P
   Schottky Diode 500mA Low VF Schottky Diode Chip
CPD104R CENTRAL-CPD104R Datasheet
717Kb / 2P
   Schottky Diode Low VF Schottky Diode Chip
CPD109R CENTRAL-CPD109R Datasheet
626Kb / 2P
   Low VF Schottky Diode Chip
CPD82X CENTRAL-CPD82X Datasheet
31Kb / 1P
   Schottky Diode High Current, Low VF Schottky Diode Chip
CPD82X CENTRAL-CPD82X_10 Datasheet
403Kb / 2P
   Schottky Diode High Current, Low VF Schottky Diode Chip
CMLSH05-4 CENTRAL-CMLSH05-4_15 Datasheet
441Kb / 3P
   LOW VF SCHOTTKY DIODE
CMLSH05-4DO CENTRAL-CMLSH05-4DO_15 Datasheet
507Kb / 3P
   LOW VF SCHOTTKY DIODE
logo
Infineon Technologies A...
BAS4002S-02LRH INFINEON-BAS4002S-02LRH Datasheet
796Kb / 6P
   Low VF Schottky Diode
2009-02-02
BAS3005S-02LRH INFINEON-BAS3005S-02LRH Datasheet
796Kb / 6P
   Low VF Schottky Diode
2009-02-02
logo
Central Semiconductor C...
CMLSH2-4T CENTRAL-CMLSH2-4T Datasheet
765Kb / 4P
   LOW VF SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com