Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYONS2100 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYONS2100
Description  OvationONS??II Wired Laser Navigation System-on-Chip
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2100 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYONS2100 Datasheet HTML 6Page - Cypress Semiconductor CYONS2100 Datasheet HTML 7Page - Cypress Semiconductor CYONS2100 Datasheet HTML 8Page - Cypress Semiconductor CYONS2100 Datasheet HTML 9Page - Cypress Semiconductor CYONS2100 Datasheet HTML 10Page - Cypress Semiconductor CYONS2100 Datasheet HTML 11Page - Cypress Semiconductor CYONS2100 Datasheet HTML 12Page - Cypress Semiconductor CYONS2100 Datasheet HTML 13Page - Cypress Semiconductor CYONS2100 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CYONS2000
Document Number: 001-44044 Rev. *G
Page 10 of 36
Designing with PSoC Designer
The development process for the PSoC® device differs from that
of a traditional fixed function microprocessor. The configurable
analog and digital hardware blocks give the PSoC architecture a
unique flexibility that pays dividends in managing specification
change during development and by lowering inventory costs.
These configurable resources, called PSoC Blocks, have the
ability to implement a wide variety of user-selectable functions.
The PSoC development process is summarized in four steps:
1. Select User Modules.
2. Configure user modules.
3. Organize and connect.
4. Generate, verify, and debug.
Select User Modules
PSoC Designer provides a library of prebuilt, pretested hardware
peripheral components called “user modules.” User modules
make selecting and implementing peripheral devices, both
analog and digital, simple.
Configure User Modules
Each user module that you select establishes the basic register
settings that implement the selected function. They also provide
parameters and properties that allow you to tailor their precise
configuration to your particular application. For example, a pulse
width modulator (PWM) User Module configures one or more
digital PSoC blocks, one for each 8 bits of resolution. The user
module parameters permit you to establish the pulse width and
duty cycle. Configure the parameters and properties to corre-
spond to your chosen application. Enter values directly or by
selecting values from drop-down menus. All the user modules
are documented in datasheets that may be viewed directly in
PSoC Designer or on the Cypress website. These user module
datasheets explain the internal operation of the user module and
provide performance specifications. Each datasheet describes
the use of each user module parameter, and other information
you may need to successfully implement your design.
Organize and Connect
You build signal chains at the chip level by interconnecting user
modules to each other and the I/O pins. You perform the
selection, configuration, and routing so that you have complete
control over all on-chip resources.
Generate, Verify, and Debug
When you are ready to test the hardware configuration or move
on to developing code for the project, you perform the “Generate
Configuration Files” step. This causes PSoC Designer to
generate source code that automatically configures the device to
your specification and provides the software for the system. The
generated code provides application programming interfaces
(APIs) with high-level functions to control and respond to
hardware events at run time and interrupt service routines that
you can adapt as needed.
A complete code development environment allows you to
develop and customize your applications in either C, assembly
language, or both.
The last step in the development process takes place inside
PSoC Designer’s debugger (access by clicking the Connect
icon). PSoC Designer downloads the HEX image to the ICE
where it runs at full speed. PSoC Designer debugging capabil-
ities rival those of systems costing many times more. In addition
to traditional single-step, run-to-breakpoint and watch-variable
features, the debug interface provides a large trace buffer and
allows you to define complex breakpoint events that include
monitoring address and data bus values, memory locations and
external signals.
[+] Feedback


Similar Part No. - CYONS2100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2100-LBXC CYPRESS-CYONS2100-LBXC Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
More results

Similar Description - CYONS2100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
CYONS1001X CYPRESS-CYONS1001X Datasheet
1Mb / 24P
   OvationONS??Laser Navigation Sensors
CYONS1001L CYPRESS-CYONS1001L Datasheet
267Kb / 9P
   OvationONS??1L - Laser Navigation Sensor
logo
Broadcom Corporation.
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
   PERSONAL NAVIGATION SYSTEM-ON-CHIP
logo
STMicroelectronics
STA2059 STMICROELECTRONICS-STA2059 Datasheet
73Kb / 4P
   IN VEHICLE NAVIGATION/TELEMATICS SYSTEM ON CHIP
logo
Texas Instruments
TCI6630K2L TI1-TCI6630K2L Datasheet
1Mb / 298P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
66AK2G02 TI1-66AK2G02 Datasheet
2Mb / 240P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com