Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256N Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62256N
Description  256K (32K 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256N Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62256N_11 Datasheet HTML 6Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 7Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 8Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 9Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 10Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 11Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 12Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 13Page - Cypress Semiconductor CY62256N_11 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY62256N
Document Number: 001-06511 Rev. *D
Page 11 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62256NLL
55SNXI
51-85092 28-pin (300-Mil) Narrow SOIC (Pb-free)
Industrial
CY62256NLL
55ZXI
51-85071 28-pin TSOP I (Pb-free)
CY62256NLL
55ZXA
51-85071 28-pin TSOP I (Pb-free)
Automotive-A
CY62256NLL
55SNXE
51-85092 28-pin (300-Mil) Narrow SOIC (Pb-free)
Automotive-E
CY62256NLL
55ZXE
51-85071 28-pin TSOP I (Pb-free)
70
CY62256NLL
70PXC
51-85017 28-pin (600-Mil) Molded DIP (Pb-free)
Commercial
CY62256NLL
70SNXC
51-85092 28-pin (300-Mil) Narrow SOIC (Pb-free)
CY62256NLL
70ZRXI
51-85074 28-pin Reverse TSOP I (Pb-free)
Industrial
CY62256NLL
70SNXA
51-85092 28-pin (300-Mil) Narrow SOIC (Pb-free)
Automotive-A
Do contact your local Cypress sales representative for availability of these parts
Ordering Code Definitions
Temperature Grade: X = C or I or A or E
C = Commercial = 0 °C to +70 °C; I = Industrial = –40 °C to +85 °C;
A = Automotive-A = –40 °C to +85 °C; E = Automotive-E = –40 °C to +125 °C
Package Type: XXX = SNX or ZX or PX or ZRX
SNX = 28-pin Narrow SOIC (Pb-free)
ZX= 28-pin TSOP I (Pb-free)
PX = 28-pin Molded DIP (Pb-free)
ZRX = 28-pin Reverse TSOP I (Pb-free)
Speed Grade: XX = 55 ns or 70 ns
Low Power
Nitride Seal Mask fix
Density: 256 Kbit
MoBL SRAM family
Company ID: CY = Cypress
256 N
- XX
X
XXX
LL
CY 62
[+] Feedback


Similar Part No. - CY62256N_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NL-70PC CYPRESS-CY62256NL-70PC Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY62256NL-70PC CYPRESS-CY62256NL-70PC Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256NL-70PXC CYPRESS-CY62256NL-70PXC Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY62256NL-70PXC CYPRESS-CY62256NL-70PXC Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256NL-70SNC CYPRESS-CY62256NL-70SNC Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256N_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VN CYPRESS-CY62256VN_11 Datasheet
408Kb / 14P
   256K (32K 횞 8) Static RAM
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY62256NLL-55SNXET CYPRESS-CY62256NLL-55SNXET Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
652Kb / 12P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com