Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157DV30LL-55BVXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62157DV30LL-55BVXI
Description  8-Mbit (512K x 16) MoBL Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30LL-55BVXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62157DV30LL-55BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 10Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 11Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 12Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 13Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 14Page - Cypress Semiconductor CY62157DV30LL-55BVXI Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY62157DV30 MoBL®
Document #: 38-05392 Rev. *J
Page 11 of 15
Ordering Code Definition
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62157DV30LL-55BVI
51-85150
48-ball (6 x 8 x 1 mm) FBGA
Industrial
CY62157DV30LL-55BVXI
48-ball (6 x 8 x 1 mm) FBGA (Pb-free)
CY62157DV30LL-55ZSXI
51-85087
44-pin TSOP II (Pb-free)
CY
621
5
7D
LL
55
XXX X
Company ID: CY = Cypress
MoBL SRAM Family
Density = 8Mbit
Bus W idth = X16
D = 130nm Technology
Speed Grade
Package Type :
ZSX : TSOP II (Pb-free)
BVX : VFBGA (Pb-free)
BV : VFBGA
Temperature Grade
I = Industrial
Low Power
V30
Voltage = 3.0
[+] Feedback


Similar Part No. - CY62157DV30LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30LL-55BVXI CYPRESS-CY62157DV30LL-55BVXI Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30LL-55BVXI CYPRESS-CY62157DV30LL-55BVXI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30LL-55BVXI CYPRESS-CY62157DV30LL-55BVXI Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
More results

Similar Description - CY62157DV30LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com