Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167DV30LL Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62167DV30LL
Description  16-Mbit (1M x 16) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167DV30LL Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62167DV30LL Datasheet HTML 2Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 3Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 4Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 5Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 6Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 7Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 8Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 9Page - Cypress Semiconductor CY62167DV30LL Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY62167DV30 MoBL
Document Number : 38-05328 Rev. *I
Page 6 of 17
Data Retention Waveform[14]
Switching Characteristics Over the Operating Range
Parameter[15]
Description
55 ns
70 ns
Unit
Min
Max
Min
Max
Read Cycle
tRC
Read cycle time
55
70
ns
tAA
Address to data valid
55
70
ns
tOHA
Data hold from address change
10
10
ns
tACE
CE1 LOW and CE2 HIGH to data valid
55
70
ns
tDOE
OE LOW to data valid
25
35
ns
tLZOE
OE LOW to LOW Z[16]
5–
5
ns
tHZOE
OE HIGH to High Z[16, 17]
–20
25
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z
[16]
10
10
ns
tHZCE
CE1 HIGH and CE2 LOW to High Z
[16, 17]
–20
25
ns
tPU
CE1 LOW and CE2 HIGH to Power-up
0
0
ns
tPD
CE1 HIGH and CE2 LOW to Power-down
55
70
ns
tDBE
BLE/BHE LOW to data valid
55
70
ns
tLZBE
BLE/BHE LOW to Low Z[16]
10
10
ns
tHZBE
BLE/BHE HIGH to HIGH Z[16, 17]
–20
25
ns
Write Cycle[18]
tWC
Write cycle time
55
70
ns
tSCE
CE1 LOW and CE2 HIGH to write end
40
60
ns
tAW
Address set-up to write end
40
60
ns
tHA
Address hold from write end
0
0
ns
tSA
Address set-up to write start
0
0
ns
tPWE
WE pulse width
40
45
ns
tBW
BLE/BHE LOW to write end
40
60
ns
tSD
Data set-up to write end
25
30
ns
tHD
Data hold from write end
0
0
ns
tHZWE
WE LOW to High-Z[16, 17]
–20
25
ns
tLZWE
WE HIGH to Low-Z[16]
10
10
ns
Notes
14. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE.
15. Test conditions for all parameters other than Tri-state parameters assume signal transition time of 1 ns/V, timing reference levels of VCC(typ)/2, input pulse levels of 0
to VCC(typ.), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section.
16. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given
device.
17. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state.
18. The internal Write time of the memory is defined by the overlap of WE, CE1 = VIL, BHE and/or BLE = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write
and any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates
the Write.
VCC, min.
VCC, min.
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE1 or
VCC
BHE
,BLE
or
CE2


Similar Part No. - CY62167DV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV30LL-45ZXI CYPRESS-CY62167DV30LL-45ZXI Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30LL-45ZXI CYPRESS-CY62167DV30LL-45ZXI Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30LL-55BVI CYPRESS-CY62167DV30LL-55BVI Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30LL-55BVI CYPRESS-CY62167DV30LL-55BVI Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30LL-55BVI CYPRESS-CY62167DV30LL-55BVI Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
More results

Similar Description - CY62167DV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_06 Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061BV33 CYPRESS-CY7C1061BV33 Datasheet
307Kb / 9P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com