Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148DV30 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62148DV30
Description  4-Mbit (512K x 8) MoBL Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62148DV30_11 Datasheet HTML 3Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 4Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 9Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 10Page - Cypress Semiconductor CY62148DV30_11 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY62148DV30
Document Number : 38-05341 Rev. *F
Page 7 of 13
Figure 2. Read Cycle No. 2 (OE Controlled)[15, 16]
Figure 3. Write Cycle No. 1 (WE Controlled)[17, 18]
Switching Waveforms (continued)
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
IMPEDANCE
ICC
ISB
HIGH
DATA OUT
OE
CE
VCC
SUPPLY
CURRENT
ADDRESS
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
tHZOE
DATAIN VALID
tSCE
DATA I/O
ADDRESS
CE
WE
OE
NOTE 19
Notes
15. WE is HIGH for read cycle.
16. Address valid prior to or coincident with CE transition LOW.
17. Data I/O is high impedance if OE = VIH.
18. If CE goes HIGH simultaneously with WE HIGH, the output remains in high-impedance state.
19. During this period, the I/Os are in output state and input signals should not be applied.
[+] Feedback


Similar Part No. - CY62148DV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30L CYPRESS-CY62148DV30L Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30L-55ZSXI CYPRESS-CY62148DV30L-55ZSXI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30L-55ZSXI CYPRESS-CY62148DV30L-55ZSXI Datasheet
722Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL CYPRESS-CY62148DV30LL Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL-55BVI CYPRESS-CY62148DV30LL-55BVI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
More results

Similar Description - CY62148DV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com