Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBLC08 Datasheet(PDF) 2 Page - Protek Devices

Part # GBLC08
Description  ultra LOW CAPACITA NCE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GBLC08 Datasheet(HTML) 2 Page - Protek Devices

  GBLC08 Datasheet HTML 1Page - Protek Devices GBLC08 Datasheet HTML 2Page - Protek Devices GBLC08 Datasheet HTML 3Page - Protek Devices GBLC08 Datasheet HTML 4Page - Protek Devices GBLC08 Datasheet HTML 5Page - Protek Devices GBLC08 Datasheet HTML 6Page - Protek Devices GBLC08 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05126.R13 1/11
Page 2
GBLC03 - GBLC24C
tYPICaL DEVICE ChaRaCtERIStICS
MaXIMuM RatINGS @ 25°C unless Otherwise Specified
PaRaMEtER
SYMBOL
VaLuE
uNItS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
350
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECtRICaL ChaRaCtERIStICS PER LINE @ 25°C unless Otherwise Specified
PaRt
NuMBER
(Note 1 -2)
DEVICE
MaRkING
RatED
StaND-OFF
VOLtaGE
V
WM
VOLtS
MINIMuM
BREakDOWN
VOLtaGE
@ 1ma
V
(BR)
VOLtS
MaXIMuM
CLaMPING
VOLtaGE
(Fig. 2)
@ IP = 1a
V
C
VOLtS
MaXIMuM
LEakaGE
CuRRENt
@V
WM
I
D
µa
tYPICaL
CaPaCItaNCE
@0V, 1Mhz
C
pF
GBLC03
3
3.3
4.0
7.0
5
3
GBLC03C
3C
3.3
4.0
7.0
5
3
GBLC05
5
5.0
6.0
9.8
5
3
GBLC05C
5C
5.0
6.0
9.8
5
3
GBLC08
8
8.0
8.5
13.4
2
3
GBLC08C
8C
8.0
8.5
13.4
2
3
GBLC12
2
12.0
13.3
19.0
1
3
GBLC12C
2C
12.0
13.3
19.0
1
3
GBLC15
6
15.0
16.7
24.0
1
3
GBLC15C
6C
15.0
16.7
24.0
1
3
GBLC24
4
24.0
26.7
43.0
1
3
GBLC24C
4C
24.0
26.7
43.0
1
3
NOtES
1. Part numbers with an additional “C” suffix are bidirectional devices, i.e., GBLC05C.
2. Unidirectional Only: Positive potential is applied from pin 1 to 2.


Similar Part No. - GBLC08

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC08 PROTEC-GBLC08 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC08 PROTEC-GBLC08 Datasheet
71Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC08 PROTEC-GBLC08 Datasheet
603Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC08 ETC2-GBLC08 Datasheet
622Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC08 PROTEC-GBLC08 Datasheet
622Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
More results

Similar Description - GBLC08

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
   ULTRA LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
   Ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
DL0521P PROTEC-DL0521P Datasheet
458Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC03I PROTEC-GBLC03I_10 Datasheet
601Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_10 Datasheet
446Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC03CLC-T7 PROTEC-GBLC03CLC-T7 Datasheet
518Kb / 6P
   ULTRA LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521 Datasheet
575Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD05CL BWTECH-ESD05CL Datasheet
971Kb / 3P
   Ultra LOW CAPACITA NCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com