Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78835KM Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC78835KM
Description  18 Bits Digital Filter and D/A Converter for Digital Audio
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78835KM Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC78835KM Datasheet HTML 1Page - Sanyo Semicon Device LC78835KM Datasheet HTML 2Page - Sanyo Semicon Device LC78835KM Datasheet HTML 3Page - Sanyo Semicon Device LC78835KM Datasheet HTML 4Page - Sanyo Semicon Device LC78835KM Datasheet HTML 5Page - Sanyo Semicon Device LC78835KM Datasheet HTML 6Page - Sanyo Semicon Device LC78835KM Datasheet HTML 7Page - Sanyo Semicon Device LC78835KM Datasheet HTML 8Page - Sanyo Semicon Device LC78835KM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Overview
The LC78835K and 78835KM are 18-bit digital-to-analog
D/A converter CMOS ICs with an on-chip eight-times
oversampling digital filter. The LC78835 and the
LC78835M are pin compatible.
Features
• Digital filter
— 8 fs oversampling filter: 3-stage finite-impulse-
response (FIR) filter design (43rd-, 11th-, and third-
orders)
— De-emphasis filter: Supports fs = 32 kHz, 44.1 kHz,
or 48 kHz
— Soft mute
— Noise shaper
— Supports double-rate sampling
• D/A converter
— Dynamic level-shifting 18-bit digital-to-analog
converter
— On-chip
2-channel
D/A
converter
(with
corresponding output)
— On-chip output op-amp
— Supports 384 fs, 392 fs, 448 fs, or 512 fs system
clock
— Single 5 V supply
— Permits low-voltage operation (3.5 V)
— Low-power silicon-gate CMOS process
Package Dimensions
unit: mm
3092-DIP24W
unit: mm
3155-MFP24
CMOS IC
Ordering number : EN4624B
73696HA (OT)/N1094TH (OT)/82793JN No. 4624-1/14
SANYO: DIP24W
[LC78835K]
SANYO: MFP24
[LC78835KM]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
18 Bits Digital Filter and D/A Converter
for Digital Audio
LC78835K, 78835KM


Similar Part No. - LC78835KM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
   LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78833 SANYO-LC78833 Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833V SANYO-LC78833V Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
More results

Similar Description - LC78835KM

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
   DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Panasonic Semiconductor
MN6474A PANASONIC-MN6474A Datasheet
51Kb / 6P
   D/A Converter for Digital Audio Equipment
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
   D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com