Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMZ5940B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMZ5940B
Description  SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5940B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMZ5940B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5940B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMZ5913B THRU CMZ5956B
SURFACE MOUNT
SILICON ZENER DIODE
1.5 WATT, 3.3 THRU 200 VOLTS
± 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.5 Watt Surface
Mount Silicon Zener Diode is a high quality, well
constructed, highly reliable component designed for
use in all types of commercial, industrial, entertainment,
computer, and automotive applications where small
size is required. The SMA case occupies 30% less
board space than the SMB case. To order devices on
12mm Tape and Reel (5000/13” Reel), add TR13 suffix
to part number.
FEATURES:
• Super miniature case
• 200 Watts of TVS power
• ± 5% Tolerance
• Superior lot to lot consistency
• Low cost
• High reliability
• “C” bend construction provides strain relief when mounted
on pc board
MARKING: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTIC TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Forward Surge Current, tp=8.3ms
IFSM
20
A
Power Dissipation (TL=75°C)
PD
1.5
W
Power Dissipation
PD
0.9
W
Peak Power Dissipation, tp=10x1000µs (TL<25°C)
PPK
200
W
Peak Power Dissipation, tp=8x20µs (TL<25°C)
PPK
1000
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
50
°C/W
Thermal Resistance
ΘJA
139
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
ZENER
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
VV
V
mA
Ω
Ω
mA
μA
V
mA
CMZ5913B
3.135
3.3
3.465
113.6
10
500
1.0
100
1.0
454
C5913B
CMZ5914B
3.420
3.6
3.780
104.2
9.0
500
1.0
75
1.0
416
C5914B
CMZ5915B
3.705
3.9
4.095
96.1
7.5
500
1.0
25
1.0
384
C5915B
CMZ5916B
4.085
4.3
4.515
87.2
6.0
500
1.0
5.0
1.0
348
C5916B
CMZ5917B
4.465
4.7
4.935
79.8
5.0
500
1.0
5.0
1.5
319
C5917B
CMZ5918B
4.845
5.1
5.355
73.5
4.0
350
1.0
5.0
2.0
294
C5918B
CMZ5919B
5.320
5.6
5.880
66.9
2.0
250
1.0
5.0
3.0
267
C5919B
CMZ5920B
5.890
6.2
6.510
60.5
2.0
200
1.0
5.0
4.0
241
C5920B
CMZ5921B
6.460
6.8
7.140
55.1
2.5
200
1.0
5.0
5.2
221
C5921B
CMZ5922B
7.125
7.5
7.875
50.0
3.0
400
0.5
5.0
6.0
200
C5922B
CMZ5923B
7.790
8.2
8.610
45.7
3.5
400
0.5
5.0
6.5
183
C5923B
CMZ5924B
8.645
9.1
9.555
41.2
4.0
500
0.5
5.0
7.0
165
C5924B
CMZ5925B
9.500
10
10.50
37.5
4.5
500
0.25
5.0
8.0
150
C5925B
CMZ5926B
10.45
11
11.55
34.1
5.5
550
0.25
1.0
8.4
136
C5926B
SMA CASE
R7 (12-February 2010)
www.centr a lsemi.com


Similar Part No. - CMZ5940B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5940B CENTRAL-CMZ5940B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5940BP CENTRAL-CMZ5940BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
More results

Similar Description - CMZ5940B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com