Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138F Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62138F
Description  2-Mbit (256K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138F Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62138F Datasheet HTML 1Page - Cypress Semiconductor CY62138F Datasheet HTML 2Page - Cypress Semiconductor CY62138F Datasheet HTML 3Page - Cypress Semiconductor CY62138F Datasheet HTML 4Page - Cypress Semiconductor CY62138F Datasheet HTML 5Page - Cypress Semiconductor CY62138F Datasheet HTML 6Page - Cypress Semiconductor CY62138F Datasheet HTML 7Page - Cypress Semiconductor CY62138F Datasheet HTML 8Page - Cypress Semiconductor CY62138F Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY62138F MoBL®
Document #: 001-13194 Rev. *C
Page 4 of 14
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ............................... –65 °C to + 150 °C
Ambient temperature with
power applied ......................................... –55 °C to + 125 °C
Supply voltage to ground
potential ............................. –0.5 V to 6.0 V (VCCmax + 0.5 V)
DC voltage applied to outputs
in High-Z state [3, 4]............. –0.5 V to 6.0 V (VCCmax + 0.5 V)
DC Input Voltage [3, 4] ......... –0.5 V to 6.0 V (VCCmax + 0.5 V)
Output Current into Outputs (LOW) ............................ 20 mA
Static Discharge Voltage ........................................ > 2001 V
(MIL–STD–883, Method 3015)
Latch-up Current .................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC [5]
CY62138FLL
Industrial –40 °C to +85 °C 4.5 V to 5.5 V
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
45 ns
Unit
Min
Typ [6]
Max
VOH
Output HIGH voltage
IOH = –1.0 mA
2.4
V
VOL
Output LOW voltage
IOL = 2.1 mA
0.4
V
VIH
Input HIGH voltage
VCC = 4.5 V to 5.5 V
2.2
VCC + 0.5
V
VIL
Input LOW voltage
VCC = 4.5 V to 5.5 V
–0.5
0.8
V
IIX
Input leakage current
GND < VI < VCC
–1
+1
A
IOZ
Outputcleakage Current
GND < VO < VCC, Output disabled
–1
+1
A
ICC
VCC operating supply
Current
f = fmax = 1/tRC
VCC = VCC(max)
IOUT = 0 mA
CMOS levels
–13
18
mA
f = 1 MHz
1.6
2.5
ISB2 [7]
Automatic CE Power-down
current CMOS inputs
CE1 > VCC – 0.2 V or CE2 < 0.2 V
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = 0, VCC = VCC(max)
–1
5
A
Capacitance
Parameter[8]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter[8]
Description
Test Conditions
SOIC
TSOP II
Unit
JA
Thermal resistance
(Junction to Ambient)
Still air, soldered on a 3 × 4.5 inch two-layer printed
circuit board
44.53
44.16
C / W
JC
Thermal resistance
(Junction to Case)
24.05
11.97
C / W
Notes
3. VIL(min) = –2.0 V for pulse durations less than 20 ns.
4. VIH(max) = VCC+0.75 V for pulse durations less than 20 ns.
5. Full device AC operation assumes a 100
s ramp time from 0 to VCC(min) and 200 s wait time after VCC stabilization.
6. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C
7. Chip enables (CE1 and CE2) must be at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
8. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback
[+] Feedback


Similar Part No. - CY62138F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
More results

Similar Description - CY62138F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com