Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138EV30 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62138EV30
Description  2 Mbit (256K x 8) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138EV30 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62138EV30_11 Datasheet HTML 1Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 2Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 3Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 4Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 5Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 6Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 7Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 8Page - Cypress Semiconductor CY62138EV30_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62138EV30 MoBL®
Document #: 38-05577 Rev. *C
Page 4 of 12
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature................................. –65 °C to +150 °C
Ambient temperature with
power applied ............................................. 55 °C to +125 °C
Supply voltage to ground
potential....................................... –0.3 V to VCC(MAX) + 0.3 V
DC voltage applied to outputs
in High Z state[4,5] .........................–0.3 V to VCC(MAX) + 0.3 V
DC input voltage[4,5]...................... –0.3 V to VCC(MAX) + 0.3 V
Output current into outputs (LOW) .............................. 20 mA
Static discharge voltage.......................................... > 2001 V
(per MIL-STD-883, Method 3015)
Latch-up current ..................................................... > 200 mA
Product
Range
Ambient
Temperature
VCC[6]
CY62138EV30LL
Industrial –40 °C to +85 °C 2.2 V to 3.6 V
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62138EV30-45
Unit
Min
Typ[7]
Max
VOH
Output HIGH voltage
IOH = –0.1 mA VCC = 2.20 V
2.0
V
IOH = –1.0 mA VCC = 2.70 V
2.4
V
VOL
Output LOW voltage
IOL = 0.1 mA VCC = 2.20 V
0.4
V
IOL = 2.1 mA VCC = 2.70 V
0.4
V
VIH
Input HIGH voltage
VCC = 2.2 V to 2.7 V
1.8
VCC + 0.3V
V
VCC= 2.7 V to 3.6 V
2.2
VCC + 0.3V
V
VIL
Input LOW voltage
VCC = 2.2 V to 2.7 V
–0.3
0.6
V
VCC= 2.7 V to 3.6 V
–0.3
0.8
V
IIX
Input leakage current
GND < VI < VCC
–1
+1
A
IOZ
Output leakage current
GND < VO < VCC,
Output disabled
–1
+1
A
ICC
VCC Operating supply
current
f = fmax = 1/tRC VCC = VCCmax
IOUT = 0 mA
CMOS levels
–15
20
mA
f = 1 MHz
2
2.5
mA
ISB1[8]
Automatic CE power
down current — CMOS
inputs
CE > VCC –0.2 V, VIN > VCC – 0.2 V,
VIN < 0.2 V), f = fmax (Address and
data only), f = 0 (OE, and WE),
VCC = 3.60 V
–1
7
A
ISB2 [8]
Automatic CE power
down current — CMOS
inputs
CE > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = 0, VCC = 3.60 V
–1
7
A
Notes
4. VIL(min.) = –2.0 V for pulse durations less than 20 ns.
5. VIH(max) = VCC+0.75 V for pulse durations less than 20 ns.
6. Full device AC operation assumes a 100
s ramp time from 0 to VCC(min.) and 200 s wait time after VCC stabilization.
7. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25 °C
8. Chip enable (CE) must be tied to CMOS levels to meet the ISB1 / ISB2 / ICCDR specification. Other inputs can be left floating.
[+] Feedback


Similar Part No. - CY62138EV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
More results

Similar Description - CY62138EV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com