Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP4706 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 5 Page - Microchip Technology

  MCP4706 Datasheet HTML 1Page - Microchip Technology MCP4706 Datasheet HTML 2Page - Microchip Technology MCP4706 Datasheet HTML 3Page - Microchip Technology MCP4706 Datasheet HTML 4Page - Microchip Technology MCP4706 Datasheet HTML 5Page - Microchip Technology MCP4706 Datasheet HTML 6Page - Microchip Technology MCP4706 Datasheet HTML 7Page - Microchip Technology MCP4706 Datasheet HTML 8Page - Microchip Technology MCP4706 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 5
MCP4706/4716/4726
DC Accuracy
Offset Error
VOS
±0.02
0.75
% of FSR Code = 0x000h
VREF1:VREF0 = ‘00’, G = ‘0’
Offset Error Tempera-
ture
Coefficient
VOS/°C
±1
ppm/°C
-40°C to +25°C
±2
ppm/°C
+25°C to +85°C
Zero Scale Error
EZS
0.13
2.0
LSb
MCP4706, Code = 0x00h
0.52
7.7
LSb
MCP4716, Code = 0x000h
2.05
30.8
LSb
MCP4726, Code = 0x000h
Full Scale Error
EFS
0.3
5.2
LSb
MCP4706, Code = 0xFFh
1.1
20.5
LSb
MCP4716, Code = 0x3FFh
4.1
82.0
LSb
MCP4726, Code = 0xFFFh
Gain Error
(Note 2)
gE
-2
-0.10
2
% of FSR MCP4706, Code = 0xFFh
VREF1:VREF0 = ‘00’, G = ‘0’
-2
-0.10
2
% of FSR MCP4716, Code = 0x3FFh
VREF1:VREF0 = ‘00’, G = ‘0’
-2
-0.10
2
% of FSR MCP4726, Code = 0xFFFh
VREF1:VREF0 = ‘00’, G = ‘0’
Gain Error Drift
ΔG/°C
-3
ppm/°C
Resolution
n
8
bits
MCP4706
10
bits
MCP4716
12
bits
MCP4726
INL Error
(Note 7)
INL
-0.907
±0.125
+0.907
LSb
MCP4706 (codes: 6 to 250)
-3.625
±0.5
+3.625
LSb
MCP4716 (codes: 25 to 1000)
-14.5
±2
+14.5
LSb
MCP4726 (codes: 100 to 4000)
DNL Error
(Note 7)
DNL
-0.05
±0.0125
+0.05
LSb
MCP4706 (codes: 6 to 250)
-0.188
±0.05
+0.188
LSb
MCP4716 (codes: 25 to 1000)
-0.75
±0.2
+0.75
LSb
MCP4726 (codes: 100 to 4000)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, VSS = 0V, RL = 5 kΩ from VOUT to GND, CL = 100 pF, TA
= -40°C to +125°C. Typical values at +25°C.
Parameters
Symbol
Min
Typical
Max
Units
Conditions
Note
1:
This parameter is ensured by design and is not 100% tested.
2:
This gain error does not include offset error. See Section 2 for more details in plots.
3:
Within 1/2 LSb of final value when code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in 12- bit device).
4:
The power-up ramp rate affects on uploading the EEPROM contents to the DAC register. It measures the rise of VDD
over time.
5:
This parameter is ensured by characterization, and not 100% tested.
6:
The PD1:PD0 = ‘10’, and ‘11’ configurations should have the same current.
7:
VDD = 5.5V.


Similar Part No. - MCP4706

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
1Mb / 70P
   6-Bit Volatile DAC with Command Code
11/29/11
More results

Similar Description - MCP4706

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Microchip Technology
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com