Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62126EV30LL-45ZSXA Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62126EV30LL-45ZSXA
Description  1-Mbit (64K x 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126EV30LL-45ZSXA Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62126EV30LL-45ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 9Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 10Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 11Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 12Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 13Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 14Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY62126EV30 MoBL
Document #: 38-05486 Rev. *H
Page 11 of 16
Note
25. Chip enable must be at CMOS levels (not floating). Intermediate voltage levels on this pin is not permitted.
Truth Table
CE[25]
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
High Z
Deselect/power down
Standby (ISB)
L
X
X
H
H
High Z
Output disabled
Active (ICC)
L
H
L
L
L
Data out (I/O0–I/O15)Read
Active (ICC)
L
H
L
H
L
Data out (I/O0–I/O7);
I/O8–I/O15 in High Z
Read
Active (ICC)
L
H
L
L
H
Data out (I/O8–I/O15);
I/O0–I/O7 in High Z
Read
Active (ICC)
L
H
H
L
L
High Z
Output disabled
Active (ICC)
L
H
H
H
L
High Z
Output disabled
Active (ICC)
L
H
H
L
H
High Z
Output disabled
Active (ICC)
L
L
X
L
L
Data in (I/O0–I/O15)
Write
Active (ICC)
L
L
X
H
L
Data in (I/O0–I/O7);
I/O8–I/O15 in High Z
Write
Active (ICC)
L
L
X
L
H
Data in (I/O8–I/O15);
I/O0–I/O7 in High Z
Write
Active (ICC)


Similar Part No. - CY62126EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126EV30LL-45ZSXA CYPRESS-CY62126EV30LL-45ZSXA Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62126EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com